Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS401 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
18
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.2 Internal Micro-Controller Programming
4.2.1 Input Calibration
The internal micro-controller needs to know what portion of the input video signal contains active video.
Determining this information is referred to as Input Calibration. The input calibration information is used
by the internal micro-controller to calculate the low-level registers that scale the input image to fit on the
output device.
The internal micro-controller stores the input calibration information as 4 ratios that describe the active
video area in relation to the total input video signal. These 4 ratios are:
SHV
(Number of pixel times from HSync to the start of the active video) / (The total pixel times
from HSync to HSync) * 65536
HAT
(Number of active pixels) / (The total pixel times from HSync to HSync) * 65536
SVV
(Number of lines from VSync to the start of the active video) / (The total lines from VSync to
VSync) * 65536
VAT
(Number of active lines) / (The total lines from VSync to VSync) * 65536
For example, if the input video signal has 1138 pixel times from HSync to HSync, only 1024 of the pixels
are active, and the first active pixel is at pixel time 57, then SHV and HAT would be:
SHV = 57 / 1138 * 65536
HAT = 1024 / 1138 * 65536
There are two methods of determining the input calibration: auto input calibration and manual input
calibration. Additionally, the internal micro-controller can store the input calibration for 4 video modes.
4.2.1.1 Auto Input Calibration
When the FS400 is in auto input calibration mode, then the internal micro-controller will use the active
video registers (SHV, EHV, SVV, and EVV) to determine the input calibration. The internal micro-
controller will sample the active video registers until their values stabilize for at least 600 milliseconds.
The internal micro-controller will wait up to 3 seconds for the active video registers to stabilize. If the
active video register do not stabilize, the internal micro-controller will revert to the default input calibration
information to display the image. Additionally, if the input calibration values calculated from the active
video registers are outside of the minimums and maximums allowed, the internal micro-controller will
revert to the default input calibration information. The internal micro-controller will continue to sample the
active video registers. If the registers do stabilize at a later time, the default input calibration will be
replaced with the calculated input calibration.
After the initial input calibration is acquired, the internal micro-controller continues to sample the active
video registers. If the input calibration calculated from the new sample indicates a larger active video
area, then the new input calibration is used.
Auto input calibration is enabled by clearing the DSICAL bit in the SCR register. This is the default mode
of operation. There is nothing else an external controller need to do to allow automatic calibration to
work. However, an external controller can modify the behavior of auto input calibration by changing the
following configuration values via the CCR and CDR registers.
CCR_DEF_SHV
Default Start of Horizontal Video
CCR_MIN_SHV
Minimum Start of Horizontal Video
CCR_MAX_SHV
Maximum Start of Horizontal Video
CCR_DEF_HAT
Default Horizontal Active
CCR_MIN_HAT
Minimum Horizontal Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com