Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS401 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
19
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
CCR_MAX_HAT
Maximum Horizontal Active
CCR_DEF_SVV
Default Start of Vertical Video
CCR_MIN_SVV
Minimum Start of Vertical Video
CCR_MAX_SVV
Maximum Start of Vertical Video
CCR_DEF_VAT
Default Vertical Active
CCR_MIN_VAT
Minimum Vertical Active
CCR_MAX_VAT
Maximum Vertical Active
An external controller can reset the input calibration and force the internal micro-controller to reacquire
the input calibration information by setting the RSTICAL bit in the SCR register.
4.2.1.2 Manual Input Calibration
The auto input calibration can be by-passed by setting the DSICAL bit in the SCR register. When
DSICAL is set, the internal micro-controller will use the manual input calibration values. An external
controller can modify the manual input calibration values by changing the following configuration values
via the CCR and CDR registers:
CCR_SHV Start of Horizontal Video
CCR_HAT Horizontal Active
CCR_SVV Start of Vertical Video
CCR_VAT Vertical Active
The external controller must set the MICALNEW bit in the SCR register after each change to the manual
input calibration values. The internal controller will not recognize a change in the state of DSICAL until
the next video mode change or until the RSTICAL bit in the SCR register is set.
The manual input calibration values do not change when a new video mode is detected, except when
Input Calibration Tables are enabled. If an external processor needs to write different manual input
calibration information for new video modes, it must poll the MCC bit in the SSR register to determine
when a new video mode is present. Next, the external processor can read the CCR_IVC and CCR_IHC
configuration values to determine the new video mode and then write the appropriate input calibration
information.
The auto input calibration can be by-passed by setting the DSICAL bit in the SCR register. When DSICAL
is set, the internal micro-controller will use the manual input calibration values. An external controller can
modify the manual input calibration values by changing the following configuration values via the CCR
and CDR registers.
CCR_SHV
Start of Horizontal Video
CCR_HAT
Horizontal Active
CCR_SVV
Start of Vertical Video
CCR_VAT
Vertical Active
The external controller must set the MICALNEW bit in the SCR register after each change to the manual
input calibration values.
The internal controller will not recognize a change in the state of DSICAL until the next video mode
change or until the RSTICAL bit in the SCR register is set.
The manual input calibration values do not change when a new video mode is detected, except when
Input Calibration Tables are enabled. If an external processor needs to write different manual input
calibration information for new video modes, it must poll the MCC bit in the SSR register to determine
when a new video mode is present. Next, the external processor can read the CCR_IVC and CCR_IHC
configuration values to determine the new video mode and then write the appropriate input calibration
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com