Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS401 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # FS401
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button FS401 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 24Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 25Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 26Page - List of Unclassifed Manufacturers FS401 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
23
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
IHA
Input Horizontal Active
IHS
Input Horizontal Samples
OHO
Output Horizontal Offset
OVO
Output Vertical Offset
VSC
Vertical Scaling Coefficient
CR
Control Register
CRE
Control Register Extended
HSC
Horizontal Scaling Coefficient
FLK
Flicker Filter
AVT
Active Video Threshold
The internal micro-controller also accesses the following read-only low-level hardware registers:
IVC
Input Vertical Count
IHC
Input Horizontal Count
SHV
Start Horizontal Video
EHV
End Horizontal Video
SVV
Start Vertical Video
EVV
End Vertical Video
When the internal micro-controller is enabled, an external controller should only access the following
registers:
SCR
Software Control Register
SSR
Software Status Register
HCRS
Hardware Control Register Shadow
HCRES
Hardware Control Register Extended Shadow
HPO
Horizontal Position Offset
VPO
Vertical Position Offset
HSS
Horizontal Scale Step
VSS
Vertical Scale Step
HPP
Horizontal Pan Position
VPP
Vertical Pan Position
TVP
TV Pixels
TVL
TV Lines
CCR
Configuration Command Register
CDR
Configuration Data Register
HOHOS
Hardware Output Horizontal Offset Shadow
HOVOS
Hardware Output Vertical Offset Shadow
CON
Contrast Coefficient
BRT
Brightness Coefficient
SHP
Sharpness Coefficient
CSC
Color Saturation Coefficient
An external controller can disable the internal micro-controller by clearing the ENABLE bit in the SCR
register. When disabled (either through software or using the INTCPUEN pin), the internal micro-
controller will no longer access any of the FS400 registers. The external controller becomes responsible
for programming all of the low-level hardware registers.
The internal micro-controller will only respond to the RESET and ENABLE bits in the SCR register while it
is disabled. Changes to any of the other software registers (SCR, HCRS, HCRES, HPO, VPO, HSS,
VSS, HPP, VPP, TVP, TVL, CCR, CDR, HOHOS, HOVOS) will have no effect until the internal micro-
controller is re-enabled.
The micro controller can be re-enabled by setting the ENABLE bit in the SCR register. The internal
micro-controller will begin processing at the same point that it was disabled at. Any changes to the
software registers will be processed. The low-level hardware register will eventually be re-programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com