Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS403 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
17
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4. Control Register Definitions
4.1 Control Register Functions
Control register functions are summarized in Table 3. Each internal register is up to 16-bits wide. To
access a register two 8-bit data words must be transferred. In the case of a write, writing the second byte
loads the internal 16-bit register. Most registers have type read/write. Read only registers access the
internal status of the FS400. Write-only registers initiate the transfer of data.
There are two methods for an external processor to control the FS400. The first is to directly program the
FS400 SIO hardware registers. The external processor would sample continuously the IHC and IVC
registers to monitor the size and speed of the input video. Additionally, it would read the SHV, EHV, SVV,
and EVV to determine the size of the active area of the input image (input calibration). Lastly, the
external processor would have to calculate the values for the ILS, VSC, IHS, IHA, HSC, OHO, and OVO
registers.
The second method is to allow the FS400’s internal micro-controller to do most of the required work. The
external processor writes to a set of high level registers (software registers) to direct the internal micro-
controller’s actions. The internal micro-controller takes care of all the real-time sampling and calculations
for the lower level registers (hardware registers).
When enabled, the internal micro-controller takes control of many of the hardware registers. These
registers are GPO, ILS, VSC, IVO, IHS, IHA, HSC, IHO, CR, CRE, OHO, OVO, SHV, EHV, SVV, EVV,
AVT, and FLK. The external processor should not write to these registers while the internal micro-
controller is enabled.
The internal micro-controller also provides high level registers (software registers). These registers are
described in the following sections. The interface the software registers is identical to the hardware
registers via the SIO.
Additionally, the external processor is allowed to write to the following hardware registers: CON, BRT,
SHP, and CSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com