Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS403 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 49Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 50Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 51Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 52Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 53Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 54Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 55Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 56Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
53
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.26 SCR – Software Control Register
Software Control Register Low (60)
7
6
5
4
3
2
1
0
ENICTBL
RSTCALC
RSTICAL
RSTVMODE
CLRMCC
OCAL
ENABLE
RESET
Software Control Register High (61)
7
6
5
4
3
2
1
0
SFLK3
SFLK2
SFLK1
SFLK0
MICALNEW
CNTRSML
DSVMDET
DSICAL
Reg
Bit#
Bit Name
Description
60
0
RESET
0: Normal operation
1: Force software reset
The internal micro-controller clears this bit.
60
1
ENABLE
0: Disable internal micro-controller
1: Enable internal micro-controller
The internal micro-controller will not access any FS400 SIO registers
while it is disabled.
60
2
OCAL
0: Normal operation.
1: Turns on the output calibration image (color bars).
60
3
CLRMCC
0: Leave Mode Change Complete (MCC) status bit unchanged
1: Clear MCC (the internal micro-controller clears this bit).
60
4
RSTVMODE
0: Normal operation
1: Reset video mode. Forces the internal micro-controller to re-
determine the size and speed of the current video mode and to re-
acquire the input calibration.
The internal micro-controller clears this bit.
60
5
RSTICAL
0: Normal operation
1: Resets the input calibration. This forces the internal micro-controller
to re-acquire the input calibration. If input calibration table is enabled
(ENICTBL = 1), then the table entry for this video mode is also reset.
The internal micro-controller clears this bit.
60
6
RSTCALC
0: Normal operation
1: Forces the internal micro-controller to re-calculate the low level
FS400 registers for the current mode. This does not affect the video
mode or input calibration.
The internal micro-controller clears this bit.
60
7
ENICTBL
0: Input calibration is not stored in the input calibration table.
1: Input calibration is stored in the input calibration table.
61
0
DSICAL
0: Normal operation
1: Disables the input calibration processing.
DSICAL is used to bypass the internal micro-controller’s input
calibration sampling algorithm.
NOTE: This bit is used only when an external processor wants to
bypass the internal micro-controller’s input calibration algorithm. It
should be set to 0 for most applications.
61
1
DSVMDET
0: Normal operation
1: Disable video mode detect. The internal micro-controller will not
sample IHC and IVC to detect a video mode change.
NOTE: This bit is used only when an external processor wants to
bypass the internal micro-controller’s video mode detect algorithm. It



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com