Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS403 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
6
JANUARY 24, 2007
COPYRIGHT
© 1999, 2000, 2003 FOCUS ENHANCEMENTS, INC.
1.2 Frame Store Memory Controller
Inserted between the capture and the encoder engines the frame store has two functions: 1) to act as a reservoir
of pixels to match the incoming frame rate to the outgoing field or frame rate; 2) to support vertical scaling by
allowing lines to be written into the frame store intermittently, but read out at a constant rate.
Frame store clock, FS_CK is derived from the OSC1 clock by a second phase locked loop.
1.3 Video Encoder Engine
Pixels are retrieved from the external frame store memory asynchronously relative to the incoming frames.
Outgoing video timing is set to the selected TV (NTSC or PAL) or progressive scan standard.
Incoming data sampling is normally set to fill complete lines in the Frame Store Memory. Horizontal scaling is
applied to pixels exiting the Frame Store. Pixels may be routed through either a digital video encoder or a YCRCB-
to-RGB transformation matrix. Either output is connected to a triple 10-bit D/A converter to generate the video
output that may be Composite Video and Y/C, RGB or YUV.
Encoder Engine timing is derived from many clock sources. These standards are shown below.
Encoder Standard
Total Pixels
Total Lines
Vertical
Mode
Clock Rate
Line Freq.
NTSC
910
525
60I
14.318 MHz
15.73 KHz
PAL
1135.0064
625
50I
17.734 MHz
15.62 KHz
RGB NTSC
910
525
60I
14.318 MHz
15.73 KHz
RGB PAL
1135
625
50I
17.734 MHz
15.62 KHz
Super RGB NTSC
1280
525
60I
20.140 MHz
15.73 KHz
Super RGB PAL
1280
625
50I
20.000 MHz
15.62 KHz
VGA
800
525
60P
25.175 MHz
31.5 KHz
SVGA
1024
625
60P
38.400 MHz
37.5 KHz
Progressive NTSC
910
525
60P
28.636 MHz
31.5 KHz
100Hz PAL
1135
625
100I
35.468 MHz
31.25 KHz
1.4 Serial Control Port
FS400 setup is programmed by 39 16-bit registers that are accessible via the I
2Ccompatible serial port (SIO).
Status and Revision ID can also be read from the registers.
Note: I2C is a registered trademark of Philips Corporation. The FS400 SIO bus is similar but not identical to
Philips I
2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com