Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2117 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2117
Description  HIGH EFFICIENCY 400MHZ AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2117 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2117 Datasheet HTML 1Page - RF Micro Devices RF2117 Datasheet HTML 2Page - RF Micro Devices RF2117 Datasheet HTML 3Page - RF Micro Devices RF2117 Datasheet HTML 4Page - RF Micro Devices RF2117 Datasheet HTML 5Page - RF Micro Devices RF2117 Datasheet HTML 6Page - RF Micro Devices RF2117 Datasheet HTML 7Page - RF Micro Devices RF2117 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
2-48
RF2117
Rev A0 991201
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)
-0.5 to +6.0
VDC
Power Down Voltage (VPD)
-0.5 to +3.0
V
DC Supply Current
1300
mA
Input RF Power
+10
dBm
Output Load
7:1
Operating Case Temperature
-40 to +100
°C
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.6V, VPD=2.2V,
ZLOAD=2.7Ω, PIN=4dBm, Freq=450MHz
Frequency Range
400 to 500
MHz
Maximum CW Output Power
+33
dBm
+32.5
dBm
VCC=3.2 to 4.5V Tamb=-25 to +85 °C
+31.5
dBm
VCC=3.0 to 3.2V and 4.5 to 5.5V
Total CW Efficiency
52
55
%
Vcc=3.0V Pout=+32.5 dBm
45
%
Vcc=3.6V Pout=+32.5 dBm
Small-signal Gain
33
dB
Harmonics
-30
-40
dBc
Vcc=3.0 to 5.5V
Tamb= -25 to +85 °C
All Other Spurious
-70
dBc
Load VSWR
≤6:1 all phase angles, Zs=50 Ω,
Vcc=3.0V to 5.5V, Tamb= -30 to +85° C
Input VSWR
<2:1
Input Power
+2
+4
+6
dBm
Input Impedance
50
Noise Power in Rx Band
-80dBm
dBm
Pout=+32.5 dBm, Freq.= 410 to 485 MHz,
Tamb= -30 to +85°C VSWR
≤ 6:1 all phase
angles.
Intermodulation Conversion at
TX Freq. - 10MHz
12
dB
Pout=+15dBm to +32.5 dBm
Power Down Isolation
45
dB
VPD grounded through 1k
Ω resistor
Pin=+6dBm
Power Control
Control Voltage VPD
0
2.4
V
Control Current
6
mA
Gain Control
35
dB
Power Supply
Power Supply Voltage
3.0
3.6
5.3
V
Power Supply Current
1100
mA
DC Current at POUT,MAX
Regulated Voltage VREG
2.7
2.8
2.9
V
Current from VREG
12
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com