Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2117 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2117
Description  HIGH EFFICIENCY 400MHZ AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2117 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2117 Datasheet HTML 1Page - RF Micro Devices RF2117 Datasheet HTML 2Page - RF Micro Devices RF2117 Datasheet HTML 3Page - RF Micro Devices RF2117 Datasheet HTML 4Page - RF Micro Devices RF2117 Datasheet HTML 5Page - RF Micro Devices RF2117 Datasheet HTML 6Page - RF Micro Devices RF2117 Datasheet HTML 7Page - RF Micro Devices RF2117 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
2-51
RF2117
Rev A0 991201
2
 

Bias
Circuits
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
L4
F errite
(220 ohm )
C7
100 pF
C13
1 nF
R2
0
C19
1 uF
VR EG
C6
100 pF
L5
20 nH
L2
F errite
(220 ohm )
C5
1 nF
C4
100 pF
C1
100 pF
L1
0
Ω R esistor
50
Ω µstrip
J1
RF IN
L3
F errite
(220 ohm )
VP D
C17
100 pF
C18
1 nF
50
Ω µstrip
C14
82 pF
L6
6.8 nH
C15
27 pF
50
Ω µstrip
C16
330 pF
50
Ω µstrip
J3
RF O U T
C11
100 pF
C10
1 nF
C9
3.3 uF
+
V
CC
P3
1
2
3
CO N 3
VP D
VC C
P2
1
2
3
CO N 3
VR EG
VC C
P1
1
2
3
CO N 3
C 15 0.388" fr om
edge of R F 2117
C 14 0.234" fr om
edge of R F 2117
120 nH
Note:
V C C = 3.6 V
VP C = 2.7 V
VR EG = 2.2 V
P O U T = 31 d B m
F req = 220 M H z
P in = 3 d B m
E fficienc y = 44%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com