Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2117 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2117
Description  HIGH EFFICIENCY 400MHZ AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2117 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2117 Datasheet HTML 1Page - RF Micro Devices RF2117 Datasheet HTML 2Page - RF Micro Devices RF2117 Datasheet HTML 3Page - RF Micro Devices RF2117 Datasheet HTML 4Page - RF Micro Devices RF2117 Datasheet HTML 5Page - RF Micro Devices RF2117 Datasheet HTML 6Page - RF Micro Devices RF2117 Datasheet HTML 7Page - RF Micro Devices RF2117 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

2-47
2
Preliminary
   
    
    

    
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
      
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
Bias
Circuits
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VREG
VCC1
LTUNE
Q1C
GND
RFIN
NC
VPD
NC
NC
RFOUT
RFOUT
RFOUT
NC
NC
NC
RF2117
    
• 3.6V Analog Handsets
• Analog Communication Systems
• 400MHz Industrial Radios
• Portable Battery Powered Equipment
The RF2117 is a high power amplifier IC. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in analog cellu-
lar phone transmitters between 400 MHz and 500 MHz or
ISM applications operating at 433MHz. The device is
packaged in a low cost 16-lead plastic package with a
metal backside. The device is self-contained with the
exception of the output matching network and power sup-
ply feed line.
• Single 3V to 5.5V Supply
• Up to 2W CW Output Power
• 33dB Small Signal Gain
• >50% Efficiency
• 400MHz to 500MHz Operation
RF2117
High Efficiency 400MHz Amplifier
RF2117 PCBA
Fully Assembled Evaluation Board

Rev A0 991201
.065
.055
.393
.386
.244
.230
.035
.016
8°MAX
5°MIN
.0098
.0075
.158
.152
.021
.015
.050
1
.004
.000
EXPOSED
HEATSINK
.287
.271
.087
.071
Package Weight
typically 0.22 grams
   !"


Similar Part No. - RF2117

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2114PCBA RFMD-RF2114PCBA Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2115 RFMD-RF2115 Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115LPCBA RFMD-RF2115LPCBA Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
More results

Similar Description - RF2117

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2175 RFMD-RF2175 Datasheet
109Kb / 6P
3V 400MHZ LINEAR AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
400MHz Wideband AGC Amplifier
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
400MHZ WIDEBAND AGC AMPLIFIER
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
400MHz Multiplexing Amplifier
September 22, 2005
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
400MHz Multiplexing Amplifier
September 21, 2005
logo
RF Micro Devices
RF2175 RFMD-RF2175_06 Datasheet
129Kb / 6P
3V 400MHz LINEAR AMPLIFIER
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
400MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com