Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC120 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 4 Page - Semtech Corporation

  SC120_10 Datasheet HTML 1Page - Semtech Corporation SC120_10 Datasheet HTML 2Page - Semtech Corporation SC120_10 Datasheet HTML 3Page - Semtech Corporation SC120_10 Datasheet HTML 4Page - Semtech Corporation SC120_10 Datasheet HTML 5Page - Semtech Corporation SC120_10 Datasheet HTML 6Page - Semtech Corporation SC120_10 Datasheet HTML 7Page - Semtech Corporation SC120_10 Datasheet HTML 8Page - Semtech Corporation SC120_10 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SC120
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
P-Channel ON Resistance
R
DSP
V
OUT
= 3.3V
0.6
Ω
N-Channel ON Resistance
R
DSN
V
OUT
= 3.3V
0.5
Ω
N-Channel Current Limit
I
LIM(N)
V
IN
= 3.0V
0.9
1.2
A
P-Channel Startup Current Limit
I
LIM(P)-SU
V
IN
> V
OUT
, V
EN
> V
IH
150
mA
LX Leakage Current PMOS
I
LXP
T
A
= 25°C, V
LX
= 0V
1
μA
LX Leakage Current NMOS
I
LXN
T
A
= 25°C, V
LX
= 3.3V
1
μA
Logic Input High
V
IH
V
IN
= 3.0V
0.85
V
Logic Input Low
V
IL
V
IN
= 3.0V
0.2
V
Logic Input Current High
I
IH
V
EN
= V
IN
= 3.0V
1
μA
Logic Input Current Low
I
IL
V
EN
= 0V
-0.2
μA
Electrical Characteristics (continued)
NOTES:
(1)
Quiescent operating current is drawn from OUT while in regulation. The quiescent operating current projected to IN is approximately
I
Q
× (V
OUT
/V
IN
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com