Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC120 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC120_10 Datasheet HTML 12Page - Semtech Corporation SC120_10 Datasheet HTML 13Page - Semtech Corporation SC120_10 Datasheet HTML 14Page - Semtech Corporation SC120_10 Datasheet HTML 15Page - Semtech Corporation SC120_10 Datasheet HTML 16Page - Semtech Corporation SC120_10 Datasheet HTML 17Page - Semtech Corporation SC120_10 Datasheet HTML 18Page - Semtech Corporation SC120_10 Datasheet HTML 19Page - Semtech Corporation SC120_10 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
SC120
16
Typical Characteristics — V
OUT = 5.0V, High VIN Range (continued)
-50
-25
0
25
50
75
100
4.85
4.9
4.95
5
5.05
5.1
Junction Temperature (
o
C)
R
1
= 931kΩ, R
2
= 294kΩ, L = 6.8μH, C
FB
= 2.2pF, I
OUT
= 5mA
-50
-25
0
25
50
75
100
4.85
4.9
4.95
5
5.05
5.1
Junction Temperature (
o
C)
R
1
= 931kΩ, R
2
= 294kΩ, L = 6.8μH, C
FB
= 2.2pF, I
OUT
= 75mA
V
IN
= 4.2V
V
IN
= 3.6V
V
IN
= 3.0V
V
IN
= 4.2V
V
IN
= 3.6V
V
IN
= 3.0V
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
20
40
60
80
100
120
140
V
IN
(V)
R
1
= 931kΩ, R
2
= 294kΩ, L = 6.8μH, C
FB
= 2.2pF
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
20
40
60
80
100
120
140
160
V
IN
(V)
R
1
= 931kΩ, R
2
= 294kΩ, L = 6.8μH, C
FB
= 2.2pF
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
Temperature Regulation — PSAVE Mode (V
OUT = 5.0V)
Temperature Regulation — PWM Mode (V
OUT = 5.0V)
Startup Max. Load Current vs. V
IN (VOUT=5.0V, all VIN’s)
Startup Min. Load Res. vs. V
IN (VOUT=5.0V, all VIN Ranges)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
50
100
150
200
250
300
350
400
450
500
V
IN
(V)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 2.2pF
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
Maximum I
OUT vs. VIN (VOUT = 5.0V, all VIN Ranges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com