Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2411 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2411
Description  LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2411 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2411 Datasheet HTML 1Page - RF Micro Devices RF2411 Datasheet HTML 2Page - RF Micro Devices RF2411 Datasheet HTML 3Page - RF Micro Devices RF2411 Datasheet HTML 4Page - RF Micro Devices RF2411 Datasheet HTML 5Page - RF Micro Devices RF2411 Datasheet HTML 6Page - RF Micro Devices RF2411 Datasheet HTML 7Page - RF Micro Devices RF2411 Datasheet HTML 8Page - RF Micro Devices RF2411 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ü
8-23
8
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA IN
GND
GND
GND
GND
IF OUT+
IF OUT-
LNA OUT
NC
VCC1
VCC2
RF IN-
RF IN+
LO IN
RF AMP
MIXER
LNA
RF2411
LOW NOISE AMPLIFIER/MIXER
• UHF Digital and Analog Receivers
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• General Purpose Frequency Conversion
The RF2411 is a monolithic integrated UHF receiver
front-end. The IC contains all of the required components
to implement the RF functions of the receiver except for
the passive filtering and LO generation. It contains an
LNA (low-noise amplifier), a second RF amplifier, and a
balanced mixer which can drive a single-ended or bal-
anced load. The output of the LNA is made available as a
pin to permit the insertion of a bandpass filter between
the LNA and the RF/Mixer section. The LNA output is
buffered to permit a wide range of choices for the inter-
stage filter without altering the VSWR or noise figure at
the LNA input and to provide high isolation from the LO to
the input port. The LNA section may be disabled to con-
serve power.
• Single 3V to 6.5V Power Supply
• 500MHz to 1900MHz Operation
• 25dB Small Signal Gain
• 2.5dB Cascaded Noise Figure
• 8.5mA DC Current Consumption
• -8dBm Input IP3
RF2411
Low Noise Amplifier/Mixer
RF2411 PCBA-L
Fully Assembled Evaluation Board (850MHz)
RF2411 PCBA-H Fully Assembled Evaluation Board (1800MHz)
8
Rev A5 010717
0.157
0.150
0.068
0.053
0.244
0.229
0.008
0.004
0.018
0.014
8° MAX
0° MIN
0.034
0.016
0.009
0.007
0.337
0.334
0.050
Package Style: SOIC-14


Similar Part No. - RF2411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-L RFMD-RF2411PCBA-L Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
RF9986 RFMD-RF9986 Datasheet
235Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
LOW NOISE AMPLIFIER/MIXER
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com