Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7655AF Datasheet(PDF) 2 Page - Rohm

Part # BA7655AF
Description  Dual Voltage-controlled Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7655AF Datasheet(HTML) 2 Page - Rohm

  BA7655AF Datasheet HTML 1Page - Rohm BA7655AF Datasheet HTML 2Page - Rohm BA7655AF Datasheet HTML 3Page - Rohm BA7655AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Multimedia ICs
BA7655A / BA7655AF
•Pin descriptions
Pin name
1
IN1
Input 1
2
CTL1
Control 1
3
OUT1
Output 1
4
GND
GND
5
OUT2
Output 2
6
CTL2
Control 2
7
IN2
Input 2
8VCC
Power supply
Pin No.
Function
•Input circuits
2, 6
1, 7
3, 5
VCC
VCC
40k
40k
VCC
(Typ.)
(Typ.)
3.0V (Typ.)
1m (Typ.)
2.5V (Typ.)
•Absolute maximum ratings
Parameter
Symbol
Unit
Power supply voltage
VCCMax.
8.0
V
Power dissipation
Pd
500 (BA7655A : DIP8)∗1
350 (BA7655AF : SOP8)∗2
mW
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
– 20 ~ + 80
– 55 ~ + 125
∗1 Reduced by 5.0mW for each increase in Ta of 1°C over 25°C.
∗2 Reduce by 3.5mW for each increase in Ta of 1°C over 25°C, when mounted on a 50mm × 50mm.
Limits
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
4.5 ~ 5.5
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com