Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7655AF Datasheet(PDF) 1 Page - Rohm

Part # BA7655AF
Description  Dual Voltage-controlled Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7655AF Datasheet(HTML) 1 Page - Rohm

  BA7655AF Datasheet HTML 1Page - Rohm BA7655AF Datasheet HTML 2Page - Rohm BA7655AF Datasheet HTML 3Page - Rohm BA7655AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Multimedia ICs
Dual Voltage-controlled Amplifier
BA7655A / BA7655AF
The BA7655A and BA7655AF are dual voltage-controlled amplifier ICs designed for use in camcorders and VCRs.
By varying the control voltage the amplifier gain can varied from -6dB to +6dB. When the control pin voltage drops
below 1V the amplifier enters Power Save Mode which mutes the output and reduces the current drawn by the IC.
•Applications
Video cassette recorders and camcorders
•Features
1) Wide bandwidth.
2) Wide dynamic range.
3) Low power cousumption.
4) Output muting possible.
5) Low voltage gain temperature drift.
•Block diagram
VCA2
VCA1
GND
OUT1
CTL1
IN1
IN2
CTL2
OUT2
5
6
7
8
1234
VCC


Similar Part No. - BA7655AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7652AF ROHM-BA7652AF Datasheet
65Kb / 6P
Video signal swither, 1 x 3-channel with clamped-input
BA7652AF ROHM-BA7652AF Datasheet
153Kb / 5P
Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF Datasheet
491Kb / 10P
Single Circuit Video Signal Switcher
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF Datasheet
64Kb / 6P
Video signal switcher, 1 x 3-channel with clamped-input
More results

Similar Description - BA7655AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
VOLTAGE CONTROLLED AMPLIFIER
SSM2022 ETC-SSM2022 Datasheet
210Kb / 3P
DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
SSM2020 ETC-SSM2020 Datasheet
242Kb / 4P
DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
DUAL VOLTAGE CONTROLLED AMPLIFIER
logo
Analog Devices
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
logo
Teledyne Technologies I...
AGC1053 TELEDYNE-AGC1053 Datasheet
138Kb / 8P
Voltage-Controlled AGC Amplifier
logo
Curtis Electromusic.
CEM3330 CES-CEM3330 Datasheet
3Mb / 8P
Dual Voltage Controlled Amplifier
logo
JSC ALFA.
AS3330 ALFA-AS3330 Datasheet
391Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
AS3360 ALFA-AS3360 Datasheet
396Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com