Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7655AF Datasheet(PDF) 3 Page - Rohm

Part # BA7655AF
Description  Dual Voltage-controlled Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7655AF Datasheet(HTML) 3 Page - Rohm

  BA7655AF Datasheet HTML 1Page - Rohm BA7655AF Datasheet HTML 2Page - Rohm BA7655AF Datasheet HTML 3Page - Rohm BA7655AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Multimedia ICs
BA7655A / BA7655AF
•Electrical characteristics (unless otherwise noted , Ta = 25°C , VCC = 5.0V)
Not designed for radiation resistance.
∗ Items marked with an asterisk are rerference values.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Voltage
Conditions
Supply current
One channel
ICC1
—
4.6
7.0
mA
3.0
Set control voltage to 1V or less,
when only one channel is used.
Both channels
ICC2
—
7.8
12.0
Maximum output voltage
VMax.
2.5
2.8
—
VP-P
5.0
Frequency characteristics
Gf
– 1.0
0.0
dB
3.0
Minimum voltage gain
GVMin. – 8.0
– 6.0
– 4.0
dB
2.0
f = 1MHz
Maximum voltage gain
GVMax.
4.0
6.0
8.0
dB
5.0
f = 1MHz
Secondary harmonic distortion
2HD
—
– 40
—
dB
3.0
Audio distortion
AD
—
1.0
—
%
3.0
Muting output voltage
VMUTE
—
—
100
mV
1.0
Set control voltage to 1 V or less
V S / N
—
– 60
—
dB
3.0
A S / N
—
– 60
—
dB
3.0
Audio
S / N
∗
Video
S / N
∗
1.0
f = 1kHz, THD = 1%
f = 13MHz / 1MHz, VIN = 0.5VP-P
f = 5.0M, VIN = 1VP-P
f = 1kHz, VIN = 1VP-P
•Circuit operation
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
POWER SAVE MODE
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
Control voltage (V)
Fig. 1 Voltage gain vs.
control voltage characteristics
The gain of a VCA (voltage-controlled amplifier) can be
varied by an external control voltage. By varying the
control voltage from 2V to 5V (in the case of a 5V
power supply), the gain of the amplifiers in this IC can
be varied over the range -6dB to +6dB (see Figs. 1
and 2 below).
When only one of the two amplifiers is being used, by
setting the voltage on the CTL pin of the unused ampli-
fier to 1V or less, it can be put into Power Save Mode.
In Power Save Mode, the circuit current for the IC is
cut by 40%, and the output is muted.
VCA
IN
OUT
Control voltage
Fig. 2
CTL Voltage
Status
2V ~ 5V
Variable gain
1V or less
Power save



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com