Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS0713 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KS0713
Description  65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0713 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KS0713 Datasheet HTML 9Page - Samsung semiconductor KS0713 Datasheet HTML 10Page - Samsung semiconductor KS0713 Datasheet HTML 11Page - Samsung semiconductor KS0713 Datasheet HTML 12Page - Samsung semiconductor KS0713 Datasheet HTML 13Page - Samsung semiconductor KS0713 Datasheet HTML 14Page - Samsung semiconductor KS0713 Datasheet HTML 15Page - Samsung semiconductor KS0713 Datasheet HTML 16Page - Samsung semiconductor KS0713 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0713
10
Table 5. System Control Pin Description (Continued)
Name
I/O
Description
Selects input voltages of the built-in voltage converter
BSTS
Voltage converter
input voltage
Remarks
L
4V
VDD > 4V
H
VDD
2.4V
≤ VDD ≤ 3.6V
BSTS
I
When BSTS pin is “L”, VDD must be higher than 4V in four times boosting.
NOTE: Because the maximum voltage of VDD has been changed to 3.6V, we strongly
recommend that BSTS pin should be fixed to “H”.
The LCD driver duty ratio depends on the following table
DUTY1
DUTY0
Duty ratio
L
L
1/33
L
H
1/49
H
L/H
1/65
DUTY0
DUTY1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com