Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS0713 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KS0713
Description  65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0713 Datasheet(HTML) 2 Page - Samsung semiconductor

  KS0713 Datasheet HTML 1Page - Samsung semiconductor KS0713 Datasheet HTML 2Page - Samsung semiconductor KS0713 Datasheet HTML 3Page - Samsung semiconductor KS0713 Datasheet HTML 4Page - Samsung semiconductor KS0713 Datasheet HTML 5Page - Samsung semiconductor KS0713 Datasheet HTML 6Page - Samsung semiconductor KS0713 Datasheet HTML 7Page - Samsung semiconductor KS0713 Datasheet HTML 8Page - Samsung semiconductor KS0713 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0713
2
KS0713 Specification Revision History
Version
Content
Date
2.0
Neglect the more past version than version 2.0
Nov.1998
2.1
fOSC = 16kHz (Typ.)
→ 22kHz (Typ.): For removing flicker phenomenon
Temperature coefficient (when TEMPS = L): -0.0%/
°C → -0.05%/°C
Nov.1998
3.0
Modified some syntax errors
Voltage regulator reference voltage [VREF]: TBD
→ 2.0
Modified voltage regulator block of “Functional Description”
Nov.1998
3.1
VLCD absolute maximum rating: 15.0V
→ 17.0V
Power consumption: 100
µA → 80µA
3.2
Oscillator frequency (1): 19 (Min.)
→17 (Min.), 25 (Max.) →27 (Max.)
Oscillator frequency (2): 22 (Min.)
→20 (Min.), 28 (Max.) →30 (Max.)
3.3
Modified Y-axis values of “Pad Center Coordinates”
Modified the contents of “Referential Instruction Setup Flow”
3.4
Word-processor version change
Apr.1999
3.5
Modified error: pad No.113 (COMS) Y Coordinate: -1210
→ -1140 (after)
Oct.1999
4.0
Change VDD Range : 2.4V to 5.5V
→ 2.4V to 3.6V
Jan.2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com