Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS0713 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # KS0713
Description  65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0713 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button KS0713 Datasheet HTML 17Page - Samsung semiconductor KS0713 Datasheet HTML 18Page - Samsung semiconductor KS0713 Datasheet HTML 19Page - Samsung semiconductor KS0713 Datasheet HTML 20Page - Samsung semiconductor KS0713 Datasheet HTML 21Page - Samsung semiconductor KS0713 Datasheet HTML 22Page - Samsung semiconductor KS0713 Datasheet HTML 23Page - Samsung semiconductor KS0713 Datasheet HTML 24Page - Samsung semiconductor KS0713 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0713
18
DISPLAY DATA RAM (DDRAM)
The Display Data RAM stores pixel data for the LCD. It is 65-row by 132-column addressable array. Each pixel
can be selected when the page and column addresses are specified. The 65 rows are divided into 8 pages of 8
lines and the 9th page with a single line (DB0 only). Data is read from or written to the 8 lines of each page
directly through DB0 to DB7. The display data of DB0 to DB7 from the microprocessor correspond to the LCD
common lines as shown in Figure 6. The microprocessor can read from and write to RAM through the I/O buffer.
Since the LCD controller operates independently, data can be written into RAM at the same time as data is being
displayed without causing the LCD flicker.
COM1
- -
COM2
- -
COM3
- -
COM4
- -
COM5
- -
DB0
0
0
1
- -
0
DB1
1
0
0
- -
1
DB2
0
1
1
- -
0
DB3
1
0
1
- -
0
DB4
0
0
0
- -
1
Display Data RAM
LCD Display
Figure 6. RAM-to-LCD Data Transfer
Page Address Circuit
This circuit is for providing a Page Address to Display Data RAM shown in figure 8. It incorporates 4-bit Page
Address register changed by only the “Set Page” instruction. Page Address 8 (DB3 is “H”, but DB2, DB1 and DB0
are “L”) is a special RAM area for the icons and display data DB0 is only valid. When Page Address is above 8, it
is impossible to access to on-chip RAM.
Line Address Circuit
This circuit assigns DDRAM a Line Address corresponding to the first line (COM1) of the display. Therefore, by
setting line address repeatedly, it is possible to realize the screen scrolling and page switching without changing
the contents of on-chip RAM as shown in figure 8. It incorporates 6-bit line address register changed by only the
initial display line instruction and 6-bit counter circuit. At the beginning of each LCD frame, the contents of register
are copied to the line counter which is increased by CL signal and generates the Line Address for transferring the
132-bit RAM data to the display data latch circuit. However, display data of icons are not scrolled because the
MPU can not access Line Address of icons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com