Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1012 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV1012
Description  AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1012 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1012 Datasheet HTML 4Page - Texas Instruments TLV1012 Datasheet HTML 5Page - Texas Instruments TLV1012 Datasheet HTML 6Page - Texas Instruments TLV1012 Datasheet HTML 7Page - Texas Instruments TLV1012 Datasheet HTML 8Page - Texas Instruments TLV1012 Datasheet HTML 9Page - Texas Instruments TLV1012 Datasheet HTML 10Page - Texas Instruments TLV1012 Datasheet HTML 11Page - Texas Instruments TLV1012 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Noise
V
CC
Output
Input
10 pF
33 pF
TLV1012
www.ti.com .......................................................................................................................................... SLCS154A – OCTOBER 2008 – REVISED NOVEMBER 2008
Noise pick-up by a microphone in cell phones is a well known problem. A conventional JFET circuit is sensitive
for noise pick-up because of its high output impedance, which is usually around 2.2 k
Ω.
RF noise is among other noises caused by nonlinear behavior. The nonlinear behavior of the amplifier at high
frequencies, well above the usable bandwidth of the device, causes AM demodulation of high-frequency signals.
The AM modulation contained in such signals folds back into the audio band, thereby disturbing the intended
microphone signal. The GSM signal of a cell phone is such an AM-modulated signal. The modulation frequency
of 216 Hz and its harmonics can be observed in the audio band. This kind of noise is called bumblebee noise.
RF noise caused by a GSM signal can be reduced by connecting two external capacitors to ground (see
Figure 7). One capacitor reduces the noise caused by the 900-MHz carrier, and the other reduces the noise
caused by 1800/1900 MHz.
Figure 7. RF Noise Reduction
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com