Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1012 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV1012
Description  AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1012 Datasheet(HTML) 2 Page - Texas Instruments

  TLV1012 Datasheet HTML 1Page - Texas Instruments TLV1012 Datasheet HTML 2Page - Texas Instruments TLV1012 Datasheet HTML 3Page - Texas Instruments TLV1012 Datasheet HTML 4Page - Texas Instruments TLV1012 Datasheet HTML 5Page - Texas Instruments TLV1012 Datasheet HTML 6Page - Texas Instruments TLV1012 Datasheet HTML 7Page - Texas Instruments TLV1012 Datasheet HTML 8Page - Texas Instruments TLV1012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OUTPUT
INPUT
V
CC
GND
–
+
– +
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
2.2-V ELECTRICAL CHARACTERISTICS
TLV1012
SLCS154A – OCTOBER 2008 – REVISED NOVEMBER 2008 .......................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage
–0.3 V to 5.5 V
VIN
Input voltage
–0.3 V to 0.3 V
θ
JA
Thermal impedance, junction to free air(2)
230.47°C/W
TA
Operating free-air temperature range
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Package thermal impedance is calculated according to JESD 51-5.
MIN
MAX
UNIT
VCC
Supply voltage
2
5
V
TA
Operating free-air temperature
–40
85
°C
VCC = 2.2 V, VIN = 18 mV, RL = 2.2 kΩ and CL = 2.2 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
25°C
150
240
ICC
Supply current
VIN = GND
µA
Full range
280
SNR
Signal-to-noise ratio
f = 1 kHz, VIN = 18 mVPP, A-weighted
25°C
60
dB
VIN
Maximum input signal
f = 1 kHz, THD+N < 1%
25°C
100
mVPP
25°C
1.70
1.87
1.94
VOUT
Output voltage
VIN = GND
V
Full range
1.63
2.00
fLOW
Lower –3-dB roll-off frequency
RSOURCE = 50 Ω
25°C
65
Hz
fHIGH
Upper –3-dB roll-off frequency
RSOURCE = 50 Ω
25°C
95
kHz
VN
Output noise
A-weighted
25°C
–89
dBV
THD
Total harmonic distortion
f = 1 kHz, VIN = 18 mVPP
25°C
0.013
%
CIN
Input capacitance
25°C
2
pF
ZIN
Input impedance
25°C
>1000
G
Ω
25°C
14.0
15.6
16.9
AV
Gain
f = 1 kHz, RSOURCE = 50 Ω
dB
Full range
13.1
17.5
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com