Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1012 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV1012
Description  AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1012 Datasheet(HTML) 3 Page - Texas Instruments

  TLV1012 Datasheet HTML 1Page - Texas Instruments TLV1012 Datasheet HTML 2Page - Texas Instruments TLV1012 Datasheet HTML 3Page - Texas Instruments TLV1012 Datasheet HTML 4Page - Texas Instruments TLV1012 Datasheet HTML 5Page - Texas Instruments TLV1012 Datasheet HTML 6Page - Texas Instruments TLV1012 Datasheet HTML 7Page - Texas Instruments TLV1012 Datasheet HTML 8Page - Texas Instruments TLV1012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5-V ELECTRICAL CHARACTERISTICS
TLV1012
www.ti.com .......................................................................................................................................... SLCS154A – OCTOBER 2008 – REVISED NOVEMBER 2008
VCC = 5 V, VIN = 18 mV, RL = 2.2 kΩ and CL = 2.2 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
25°C
160
300
ICC
Supply current
VIN = GND
µA
Full range
325
SNR
Signal-to-noise ratio
f = 1 kHz, VIN = 18 mVPP, A-weighted
25°C
60
dB
VIN
Maximum input signal
f = 1 kHz, THD+N < 1%
25°C
100
mVPP
25°C
4.34
4.56
4.74
VOUT
Output voltage
VIN = GND
V
Full range
4.28
4.80
fLOW
Lower –3-dB roll-off frequency
RSOURCE = 50 Ω
25°C
67
Hz
fHIGH
Upper –3-dB roll-off frequency
RSOURCE = 50 Ω
25°C
150
kHz
VN
Output noise
A-weighted
25°C
–89
dBV
THD
Total harmonic distortion
f = 1 kHz, VIN = 18 mVPP
25°C
0.013
%
CIN
Input capacitance
25°C
2
pF
ZIN
Input impedance
25°C
>1000
G
Ω
25°C
14.0
15.6
16.9
AV
Gain
f = 1 kHz, RSOURCE = 50 Ω
dB
Full range
13.1
17.5
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com