Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7364IPWR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPWR
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS7364IPWR Datasheet HTML 29Page - Texas Instruments THS7364IPWR Datasheet HTML 30Page - Texas Instruments THS7364IPWR Datasheet HTML 31Page - Texas Instruments THS7364IPWR Datasheet HTML 32Page - Texas Instruments THS7364IPWR Datasheet HTML 33Page - Texas Instruments THS7364IPWR Datasheet HTML 34Page - Texas Instruments THS7364IPWR Datasheet HTML 35Page - Texas Instruments THS7364IPWR Datasheet HTML 36Page - Texas Instruments THS7364IPWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
75 W
S-VideoY'1Out
CVBS1Out
CVBS
R
S-Video Y’
R
S-Video C’
R
Y'/G'
R
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD1OUT
SD2OUT
SD3OUT
DisableSD
GND
DisableFHD
FHD1OUT
FHD2OUT
FHD3OUT
Bypass FHD
SD1IN
SD2IN
SD3IN
NC
V
S+
NC
FHD1IN
FHD2IN
FHD3IN
BypassSD
THS7364
Bypass
SDLPF
Bypass
LPF
FHD
P' /B'
B
R
P' /R'
R
R
75 W
75 W
S-VideoC'1Out
75 W
75 W
75 W
Y'/G'1Out
75 W
P’ /B'1Out
B
75 W
75 W
P' /R'1Out
R
75 W
75 W
75 W
75 W
S-VideoY'1Out
CVBS1Out
75 W
75 W
S-VideoC'1Out
75 W
75 W
75 W
Y'/G'1Out
75 W
P' /B'1Out
B
75 W
75 W
P’ /R'1Out
R
75 W
75 W
75 W
+2.7Vto
+5V
Disable FHD
DisableSD
THS7364
www.ti.com
SBOS530 – AUGUST 2010
(1)
Figure 81. Typical Six-Channel System with DC-Coupled Line Driving and Two Outputs Per Channel
One concern of dc-coupling, however, arises if the
but power and thermal analysis should always be
line is terminated to ground. If the ac-bias input
examined in any system to ensure that no issues
configuration is used, the output of the THS7364 has
arise.
Be
sure
to
use
RMS
power
and
not
a dc bias on the output, such as 1.6 V. With two lines
instantaneous power when evaluating the thermal
terminated to ground, this configuration allows a dc
performance.
current path to flow, such as 1.6 V/75-
Ω = 21.3 mA.
Note that the THS7364 can drive the line with
The result of this configuration is a slightly decreased
dc-coupling
regardless
of
the
input
mode
of
high output voltage swing and an increase in power
operation. The only requirement is to make sure the
dissipation of the THS7364. While the THS7364 was
video line has proper termination in series with the
designed to operate with a junction temperature of up
output (typically 75
Ω). This requirement helps isolate
to +125°C, care must be taken to ensure that the
capacitive loading effects from the THS7364 output.
junction temperature does not exceed this level or
Failure to isolate capacitive loads may result in
else long-term reliability could suffer. Using a 5-V
instabilities with the output buffer, potentially causing
supply, this configuration can result in an additional
ringing
or
oscillations
to
appear.
The
stray
dc power dissipation of (5 V – 1.6 V) × 21.3 mA =
capacitance appearing directly at the THS7364 output
72.5 mW per channel. With a 3.3-V supply, this
pins should be kept below 20 pF for the fixed SD filter
dissipation reduces to 36.2 mW per channel. The
channels and below 15 pF for the FHD filter
overall low quiescent current of the THS7364 design
channels. One way to help ensure this condition is
minimizes potential thermal issues even when using
satisfied is to make sure the 75-
Ω source resistor is
the TSSOP package at high ambient temperatures,
placed within 0.5 inches, or 12.7 mm, of the THS7364
output pin. If a large ac-coupling capacitor is used,
the capacitor should be placed after this resistor.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com