Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7364IPWR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPWR
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPWR Datasheet(HTML) 37 Page - Texas Instruments

Back Button THS7364IPWR Datasheet HTML 33Page - Texas Instruments THS7364IPWR Datasheet HTML 34Page - Texas Instruments THS7364IPWR Datasheet HTML 35Page - Texas Instruments THS7364IPWR Datasheet HTML 36Page - Texas Instruments THS7364IPWR Datasheet HTML 37Page - Texas Instruments THS7364IPWR Datasheet HTML 38Page - Texas Instruments THS7364IPWR Datasheet HTML 39Page - Texas Instruments THS7364IPWR Datasheet HTML 40Page - Texas Instruments THS7364IPWR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
THS7364
www.ti.com
SBOS530 – AUGUST 2010
series resistor, and the filter) must be better than 75
drive at least 1.25 VP (100% saturation CVBS)/37.5 Ω
Ω, +/-9 Ω. The THS7364 is an operational amplifier
= 33.3 mA. A DAC is a current-steering element, and
that approximates an ideal voltage source, which is
this amount of current flows internally to the DAC
desirable because the output impedance is very low
even if the output is 0 V. Thus, power dissipation in
and can source and sink current. To properly match
the DAC may be very high, especially when six
the transmission line characteristic impedance of a
channels are being driven. Using the THS7364 with a
video line, a 75-
Ω series resistor is placed on the
high input impedance and the capability to drive up to
output. To minimize reflections and to maintain a
two video lines per channel can reduce DAC power
good return loss meeting EIA/CEA specifications, this
dissipation significantly. This outcome is possible
output impedance must maintain a 75-
Ω impedance.
because the resistance that the DAC drives can be
A wide impedance variation of a passive filter cannot
substantially increased. It is common to set this
ensure this level of performance. On the other hand,
resistance in a DAC by a current-setting resistor on
the THS7364 has approximately 0.9
Ω of output
the DAC itself. Thus, the resistance can be 300
Ω or
impedance, or a return loss of 44 dB, at 6.75 MHz for
more,
substantially
reducing
the
current
drive
the SD filters and approximately 9
Ω of output
demands from the DAC and saving significant
impedance, or a return loss of 25 dB, at 60 MHz for
amounts of power. For example, a 3.3-V, six-channel
the FHD filters. Thus, the system is matched
DAC dissipates 660 mW alone for the steering
significantly better with a THS7364 compared to a
current capability (six channels × 33.3 mA × 3.3 V) if
passive filter.
it must drive a 37.5-
Ω load. With a 300-Ω load, the
DAC power dissipation as a result of current steering
One final benefit of the THS7364 over a passive filter
current would only be 82 mW (six channels ×
is power dissipation. A DAC driving a video line must
4.16 mA × 3.3 V).
be able to drive a 37.5-
Ω load: the receiver 75-Ω
resistor and the 75-
Ω impedance matching resistor
next to the DAC to maintain the source impedance
requirement. This requirement forces the DAC to
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com