Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7364IPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPWR
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS7364IPWR Datasheet HTML 25Page - Texas Instruments THS7364IPWR Datasheet HTML 26Page - Texas Instruments THS7364IPWR Datasheet HTML 27Page - Texas Instruments THS7364IPWR Datasheet HTML 28Page - Texas Instruments THS7364IPWR Datasheet HTML 29Page - Texas Instruments THS7364IPWR Datasheet HTML 30Page - Texas Instruments THS7364IPWR Datasheet HTML 31Page - Texas Instruments THS7364IPWR Datasheet HTML 32Page - Texas Instruments THS7364IPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Level
Shift
Internal
Circuitry
+V
S
800kW
Input
Pin
THS7364
www.ti.com
SBOS530 – AUGUST 2010
R’G’B’ (commonly mislabeled RGB) is also called
Other AGC circuits use the chroma burst amplitude
G’B’R’ (again commonly mislabeled as GBR) in
for amplitude control; reduction in the sync signals
professional video systems. The Society of Motion
does not alter the proper gain setting. However, it is
Picture
and
Television
Engineers
(SMPTE)
good engineering design practice to ensure that
component
standard
stipulates
that
the
luma
saturation/clipping does not take place. Transistors
information is placed on the first channel, the blue
always take a finite amount of time to come out of
color difference is placed on the second channel, and
saturation. This saturation could possibly result in
the red color difference signal is placed on the third
timing delays or other aberrations on the signals.
channel. This practice is consistent with the Y'/P'B/P'R
To eliminate saturation or clipping problems, the
nomenclature. Because the luma channel (Y') carries
THS7364 has a 150-mV input level shift feature. This
the sync information and the green channel (G') also
feature takes the input voltage and adds an internal
carries the sync information, it makes logical sense
+150-mV shift to the signal. Because the THS7364
that G' be placed first in the system. Because the
also has a gain of 6 dB (2 V/V), the resulting output
blue color difference channel (P'B) is next and the red
with a 0-V applied input signal is approximately 300
color difference channel (P'R) is last, then it also
mV. The THS7364 rail-to-rail output stage can create
makes logical sense to place the B' signal on the
this output level while connected to a typical video
second channel and the R' signal on the third
load. This configuration ensures that no saturation or
channel, respectfully. Thus, hardware compatibility is
clipping of the sync signals occur. This shift is
better achieved when using G'B'R' rather than R'G'B'.
constant, regardless of the input signal. For example,
Note that for many G'B'R' systems, sync is embedded
if a 1-V input is applied, the output is 2.3 V.
on all three channels, but this configuration may not
always be the case in all systems.
Because the internal gain is fixed at +6 dB, the gain
dictates what the allowable linear input voltage range
INPUT MODE OF OPERATION: DC
can be without clipping concerns. For example, if the
power supply is set to 3 V, the maximum output is
The inputs to the THS7364 allow for both ac- and
approximately 2.9 V while driving a significant amount
dc-coupled inputs. Many DACs or video encoders can
of current. Thus, to avoid clipping, the allowable input
be dc-connected to the THS7364. One of the
is ([2.9 V/2] – 0.15 V) = 1.3 V. This range is valid for
drawbacks to dc-coupling arises when 0 V is applied
up to the maximum recommended 5-V power supply
to the input. Although the input of the THS7364
that allows approximately a ([4.9 V/2] – 0.15 V) = 2.3
allows for a 0-V input signal without issue, the output
V input range while avoiding clipping on the output.
swing of a traditional amplifier cannot yield a 0-V
signal, resulting in possible clipping. This limitation is
The input impedance of the THS7364 in this mode of
true for any single-supply amplifier because of the
operation
is
dictated
by
the
internal,
800-k
Ω
characteristics of the output transistors. Neither
pull-down resistor, as shown in Figure 78. Note that
CMOS nor bipolar transistors can achieve 0 V while
the internal voltage shift does not appear at the input
sinking current. This transistor characteristic is also
pin; it only shows at the output pin.
the same reason why the highest output voltage is
always less than the power-supply voltage when
sourcing current.
This output clipping can reduce the sync amplitudes
(both horizontal and vertical sync) on the video
signal. A problem occurs if the video signal receiver
uses an automatic gain control (AGC) loop to account
for losses in the transmission line. Some video AGC
circuits
derive
gain
from
the
horizontal
sync
amplitude. If clipping occurs on the sync amplitude,
then the AGC circuit can increase the gain too
much—resulting in too much luma and/or chroma
amplitude gain correction. This correction may result
in a picture with an overly bright display with too
Figure 78. Equivalent DC Input Mode Circuit
much color saturation.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com