Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA209AIDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA209AIDBVT
Description  OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA209AIDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA209AIDBVT Datasheet HTML 3Page - Texas Instruments OPA209AIDBVT Datasheet HTML 4Page - Texas Instruments OPA209AIDBVT Datasheet HTML 5Page - Texas Instruments OPA209AIDBVT Datasheet HTML 6Page - Texas Instruments OPA209AIDBVT Datasheet HTML 7Page - Texas Instruments OPA209AIDBVT Datasheet HTML 8Page - Texas Instruments OPA209AIDBVT Datasheet HTML 9Page - Texas Instruments OPA209AIDBVT Datasheet HTML 10Page - Texas Instruments OPA209AIDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1k
10M
10k
100k
1M
100M
Frequency(Hz)
150
140
130
120
110
100
90
80
70
60
50
40
30
20
0.1
1
1k
1M
10M
10
10k
100k
100
100M
Frequency(Hz)
100000
10000
1000
100
10
1
1
10
100
1k
10M
10k
100k
1M
100M
Frequency(Hz)
140
120
100
80
60
40
20
0
-20
180
135
90
45
0
Gain
Phase
-50
-25
150
0
25
50
75
100
125
Temperature( C)
°
5
4
3
2
1
0
-1
-2
-3
-4
-5
R =10kW
L
V = 18V
S
±
Drift( V/°
m
C)
OffsetVoltage( V)
m
OPA209
OPA2209
OPA4209
www.ti.com
SBOS426B – NOVEMBER 2008 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, RL = 10kΩ connected to midsupply, and VCM = VOUT = midsupply, unless otherwise noted.
COMMON-MODE REJECTION RATIO vs FREQUENCY
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Figure 7.
Figure 8.
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
OPEN-LOOP GAIN vs TEMPERATURE
Figure 9.
Figure 10.
OFFSET VOLTAGE
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
PRODUCTION DISTRIBUTION
Figure 11.
Figure 12.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA209 OPA2209 OPA4209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com