Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA209AIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA209AIDBVT
Description  OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA209AIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA209AIDBVT Datasheet HTML 1Page - Texas Instruments OPA209AIDBVT Datasheet HTML 2Page - Texas Instruments OPA209AIDBVT Datasheet HTML 3Page - Texas Instruments OPA209AIDBVT Datasheet HTML 4Page - Texas Instruments OPA209AIDBVT Datasheet HTML 5Page - Texas Instruments OPA209AIDBVT Datasheet HTML 6Page - Texas Instruments OPA209AIDBVT Datasheet HTML 7Page - Texas Instruments OPA209AIDBVT Datasheet HTML 8Page - Texas Instruments OPA209AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA209
OPA2209
OPA4209
SBOS426B – NOVEMBER 2008 – REVISED AUGUST 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SOT23-5
DBV
OOBQ
OPA209
MSOP-8
DGK
OOAQ
SO-8
D
OPA209A
MSOP-8
DGK
OOJI
OPA2209
SO-8
D
O2209
OPA4209
TSSOP-14
PW
OPA4209
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
OPA209, OPA2209, OPA4209
UNIT
Supply Voltage
VS = (V+) – (V–)
40
V
Signal Input Terminal, Voltage(2)
(V–) – 0.5 to (V+) + 0.5
V
Signal Input Terminal, Current (except power-supply pins)(2)
10
mA
Output Short-Circuit(3)
Continuous
Operating Temperature
TA
–55 to +150
°C
Storage Temperature
TA
–65 to +150
°C
Junction Temperature
TJ
+200
°C
Human Body Model (HBM)
3000
V
ESD Ratings:
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
For input voltages beyond the power-supply rails, voltage or current must be limited.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA209 OPA2209 OPA4209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com