Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA209AIDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA209AIDBVT
Description  OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA209AIDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA209AIDBVT Datasheet HTML 12Page - Texas Instruments OPA209AIDBVT Datasheet HTML 13Page - Texas Instruments OPA209AIDBVT Datasheet HTML 14Page - Texas Instruments OPA209AIDBVT Datasheet HTML 15Page - Texas Instruments OPA209AIDBVT Datasheet HTML 16Page - Texas Instruments OPA209AIDBVT Datasheet HTML 17Page - Texas Instruments OPA209AIDBVT Datasheet HTML 18Page - Texas Instruments OPA209AIDBVT Datasheet HTML 19Page - Texas Instruments OPA209AIDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
4-Sep-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
OPA209AID
PREVIEW
SOIC
D
8
75
TBD
Call TI
Call TI
Samples Not Available
OPA209AIDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
Samples Not Available
OPA209AIDBVT
PREVIEW
SOT-23
DBV
5
250
TBD
Call TI
Call TI
Samples Not Available
OPA209AIDGKR
PREVIEW
MSOP
DGK
8
2500
TBD
Call TI
Call TI
Samples Not Available
OPA209AIDGKT
PREVIEW
MSOP
DGK
8
250
TBD
Call TI
Call TI
Samples Not Available
OPA209AIDR
PREVIEW
SOIC
D
8
2500
TBD
Call TI
Call TI
Samples Not Available
OPA2209AID
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
Purchase Samples
OPA2209AIDGKR
PREVIEW
MSOP
DGK
8
2500
TBD
Call TI
Call TI
Samples Not Available
OPA2209AIDGKT
PREVIEW
MSOP
DGK
8
250
TBD
Call TI
Call TI
Samples Not Available
OPA2209AIDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
Request Free Samples
OPA4209AIPW
PREVIEW
TSSOP
PW
14
90
TBD
Call TI
Call TI
Samples Not Available
OPA4209AIPWR
PREVIEW
TSSOP
PW
14
2000
TBD
Call TI
Call TI
Samples Not Available
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com