Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC820 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation SC820 Datasheet HTML 19Page - Semtech Corporation SC820 Datasheet HTML 20Page - Semtech Corporation SC820 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
SC820
17
Applications Information (continued)
While thermal limiting is active, all charger functions
remain active and the charger logical state is preserved.
Operating a Charging Adapter in Current Limit
In high charging current applications, charger power dis-
sipation can be greatly reduced by operating the charging
adapter in current limit. The SC820 VAD input supports
adapter-current-limited charging with a low de-selection
falling threshold and with internal circuitry designed for
low input voltage operation. To operate an adapter in
current limit, R
IPRGM
is chosen such that the adapter input
programmed fast-charge current I
FQ_AD
exceeds the current
limit of the charging adapter I
AD-LIM
.
Note that if I
AD-LIM
is less than 20% of I
FQ_AD
, then the adapter
voltage can be pulled down to the battery voltage while
the battery voltage is below the pre-charge threshold. In
this case, care must be taken to ensure that the adapter
will maintain its current limit below 20% of I
FQ_AD
at least
until the battery voltage exceeds the pre-charge thresh-
old. Failure to do so could permit charge current to exceed
the pre-charge current while the battery voltage is below
the pre-charge threshold. This is because the low input
voltage will also compress the pre-charge threshold inter-
nal reference voltage to below the battery voltage. This
will prematurely advance the charger logic from pre-
charge current regulation to fast-charge regulation, and
the charge current will exceed the safe level recom-
mended for pre-charge conditioning.
The low de-selection falling threshold (VT
ADsel-F
) permits
the adapter voltage to be pulled down to just above the
battery voltage by the charging load whenever the
adapter current limit is less than the programmed fast-
charge current. The SC820 should be operated with
adapter voltage below the rising selection threshold
(VT
ADSel-R
) only if the low input voltage is the result of
adapter current limiting. This implies that the VAD voltage
first exceeds VT
ADsel-R to begin charging, and is subsequently
pulled down to just above the battery voltage by the
charging load.
Interaction of Thermal Limiting and Current Limited
Adapter Charging
To permit the charge current to be limited by the adapter,
it is necessary that the adapter input fast-charge current
be programmed greater than the maximum adapter
current, (I
AD-LIM
). In this configuration, the CC regulator will
operate with its pass device fully on (in saturation, also
called “dropout”). The voltage drop from VAD to BAT is
determined by the product of the minimum R
DS-ON
of the
pass device multiplied by the adapter supply current.
In dropout, the power dissipation in the SC820 is
P
ILIM
= (minimum R
DS-ON
) x (I
AD-LIM
)2. Since minimum R
DS-ON
does not vary with battery voltage, dropout power dissi-
pation is constant throughout the CC portion of the
charge cycle while the adapter remains in current limit.
The SC820 junction temperature will rise above ambient
by P
ILIM
x θ
JA
. If the device temperature rises to the tem-
perature at which the TL control loop limits charging
current (rather than the current being limited by the
adapter), the input voltage will rise to the adapter regula-
tion voltage. The power dissipation will increase so that
the TL regulation will further limit charge current. This will
keep the adapter in voltage regulation for the remainder
of the charge cycle. In this case, the SC820 will continue
to charge with thermal limiting until charge current
decreases while in CV regulation (reducing power dissipa-
tion sufficiently), resulting in a slow charge cycle, but with
no other negative effect.
To ensure that the adapter remains in current limit, the
internal device temperature must not rise to T
TL
. This
implies that θ
JA
must be kept small enough, through
careful layout, to ensure that T
J
= T
A
+ (P
ILIM
× θ
JA
) < T
TL
.
VUSB Under-Voltage Load Regulation
VUSB pin UVLR prevents the battery charging current from
overloading the USB Vbus network, regardless of the pro-
grammed fast-charge value. When the VUSB input is
selected, the SC820 monitors the input voltage (V
VUSB
) and
reduces the charge current as necessary to keep V
VUSB
at or
above the UVLR limit of V
UVLR
= 4.57V typically. UVLR oper-
ates like a fourth output constraint (along with CC, CV, and
CT constraints), but it is active only when the VUSB input
is selected.
If the VUSB voltage is externally pulled below V
UVLR
while
the VAD input is absent, the UVLR feature will reduce the
charging current to zero. This condition will not be inter-
preted as termination and will not result in an end-of-
charge indication. The STATB pin will remain asserted as if
charging is continuing. This prevents repetitive indica-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com