Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC820 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation SC820 Datasheet HTML 19Page - Semtech Corporation SC820 Datasheet HTML 20Page - Semtech Corporation SC820 Datasheet HTML 21Page - Semtech Corporation SC820 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
SC820
20
= 100mA maximum. When parallel resistor R
IPUSB_HI
=
11.0kΩ is switched in, the equivalent IPUSB resistor is
7.50kΩ, and so I
FQ_USB
= 300mA maximum.
A large battery is any battery with a desired fast-charge
current exceeding 500mA. Large battery charging is most
consistent with the USB fixed 1:5 current ratio low-to-high
power model of operation. For example, consider an
800mAh battery, with maximum fast-charge current of
800mA. The adapter input fast-charge should be config-
ured for 800mA maximum (R
IPRGM
= 2.80kΩ), the USB low
power fast-charge set to 100mA max (R
IPUSB
= 23.2kΩ), and
the USB high power fast-charge set to 500mA maximum
(R
IPUSB_HI
= 5.62kΩ).
USB Low Power Mode Alternative
Where a USB mode selection signal is not available, or
where system cost or board space make USB low power
mode external current programming impractical, USB low
power charging can be supported indirectly. The IPUSB
pin resistance can be selected to obtain the desired USB
high power charge current. The VUSB pin UVLR feature
ensures that the charging load will never pull the USB
Vbus supply voltage below V
UVLR
regardless of the USB
host or hub supply limit. The UVLR limit voltage guaran-
tees that the voltage of the USB Vbus supply will not be
loaded below the low power voltage specification limit, as
seen by any other low power devices connected to the
same USB host or hub.
Capacitor Selection
Low cost, low ESR ceramic capacitors such as the X5R and
X7R dielectric material types are recommended. The BAT
pin capacitor should be at least 1μF, but can be as large as
desired to accommodate the required input capacitors of
regulators connected directly to the battery terminal. BAT
pin total capacitance must be limited if the SC820 is to be
operated without the battery present. See the section
Operation Without a Battery. The VAD pin and VUSB pin
capacitors are typically between 0.1μF and 2.2μF, although
larger values will not degrade performance. Capacitance
must be evaluated at the expected bias voltage (4.2V for
the BAT pin capacitor, the expected V
VAD
and V
VUSB
supply
regulation voltages for the input pin capacitors), rather
than the zero-volt capacitance rating.
PCB Layout Considerations
Layout for linear devices is not as critical as for a switching
regulator. However, careful attention to detail will ensure
reliable operation.
Place input and output capacitors close to the
device for optimal transient response and device
behavior.
Connect all ground connections directly to the
ground plane. If there is no ground plane,
connect to a common local ground point before
connecting to board ground near the GND pin.
Attaching the part to a larger copper footprint
will enable better heat transfer from the device,
especially on PCBs with internal ground and
power planes.
•
•
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com