Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2119ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2119ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2119ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 10 of 24
CH1 500mV CH2 5.00V
CH3 5.00V
CH4 2.00A
M400µs
A CH3
3.60V
T
30.4%
3
1
2
4
T
EN
VOUT
PGOOD
IL
Figure 22. Soft Start with Full Load (ADP2119, VIN = 5 V)
CH1 50.0mV
CH4 1.00A
M200µs
A CH4
880mA
T
596.0µs
1
4
T
VOUT (AC)
IO
Figure 23. Load Transient (ADP2119, PFM, VIN = 5 V)
CH1 50.0mV
CH4 1.00A
M200µs
A CH4
960mA
T
396.0µs
1
4
T
VOUT (AC)
IO
Figure 24. Load Transient (ADP2120, PFM, VIN = 5 V)
CH1 500mV CH2 5.00V
CH3 5.00V
CH4 2.00A
M400µs
A CH3
3.50V
T
784.0µs
3
1
2
4
T
EN
VOUT
PGOOD
IL
Figure 25. Soft Start with Precharged Output (ADP2119, VIN = 5 V)
CH1 50.0mV
CH4 1.00A
M200µs
A CH4
880mA
T
596.0µs
1
4
T
VOUT (AC)
IO
Figure 26. Load Transient (ADP2119, FPWM, VIN = 5 V)
CH1 50.0mV
CH4 1.00A
M200µs
A CH4
960mA
T
396.0µs
1
4
T
VOUT (AC)
IO
Figure 27. Load Transient (ADP2120, FPWM, VIN = 5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com