Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2119ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2119ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2119ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 18 of 24
APPLICATIONS INFORMATION
This section describes the selection of the external components
for the ADP2119/ADP2120. The typical application circuit for
the ADP2119 is shown in Figure 50.
10
EN
ADP2119
1
VIN
9
SYNC/MODE
2
PVIN
8
PGOOD
3
SW
7
TRK
4
PGND
6
FB
5
GND
R2
10k
VIN
5V
CIN
22µF
X5R
6.3V
COUT
22µF
X5R
6.3V
C1
0.1µF
R1
10
RBOT
15k
VOUT
2.5V
2A
L
1.5µH
RTOP
47.5k
Figure 50. Typical Application Circuit
OUTPUT VOLTAGE SELECTION
The output voltage of the adjustable version can be set by an
external resistive voltage divider, and the following equation
calculates the output voltage.
)
(1
0.6
BOT
TOP
OUT
R
R
V
+
×
=
To limit the output voltage accuracy degradation due to FB bias
current (0.1 μA maximum) to less than 0.5% (maximum), ensure
that RBOT is less than 30 kΩ.
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and ripple current. A small inductor
value leads to a larger inductor current ripple and provides a
faster transient response; however, it degrades efficiency. A
large inductor value leads to a smaller current ripple and good
efficiency but slows the transient response. As a guideline, the
inductor current ripple, ΔIL, is typically set to 1/3 of the maximum
load current trade-off between the transient response and efficiency.
The inductor value can be calculated using the following equation:
(
)
S
L
OUT
IN
f
I
D
V
V
L
×
×
=
Δ
where:
VIN is the input voltage.
VOUT is the output voltage.
Δ
IL is the inductor current ripple.
D is the duty cycle. D = VOUT/VIN.
The regulator uses slope compensation in the current loop to
prevent subharmonic oscillations when the duty cycle is larger
than 50%. The internal slope compensation limits the minimum
inductor value.
The negative current limit (−0.6 A) also limits the minimum
inductor value. The inductor current ripple (ΔIL) calculated
by the selected inductor should not exceed 1.2 A.
The peak inductor current should be kept below the peak current
limit threshold value and can be calculated from
2
L
O
PEAK
I
I
I
Δ
+
=
Ensure that the rms current of the selected inductor is greater
than the maximum load current and that its saturation current
is greater than the peak current limit of the regulator.
OUTPUT CAPACITOR SELECTION
The output voltage ripple, load step transient, and loop stability
determine the output capacitor selection.
The ESR and the capacitance determine the output ripple.
⎟⎟
⎜⎜
×
×
+
×
Δ
=
Δ
S
OUT
L
OUT
f
C
ESR
I
V
8
1
The load transient response depends on the inductor, the output
capacitor, and the control loop.
The ADP2119/ADP2120 have integrated loop compensation to
provide a simple power solution design. Table 5 and Table 6 show
the typical recommended inductors and capacitors for the ADP2119/
ADP2120. X5R or X7R ceramic capacitors are highly recommended.
Table 5. Recommended L and COUT Values for the ADP2119
VIN (V)
VOUT (V)
L (μH)
COUT (μF)
3.3
1.0
1
22 + 22
3.3
1.2
1
22 + 22
3.3
1.5
1
22 + 10
3.3
1.8
1
22
3.3
2.5
1
22
5
1.0
1
22 + 22
5
1.2
1.5
22 + 22
5
1.5
1.5
22 +10
5
1.8
1.5
22 +10
5
2.5
1.5
22
5
3.3
1.5
22
Table 6. Recommended L and COUT Values for the ADP2120
VIN (V)
VOUT (V)
L (μH)
COUT (μF)
3.3
1.0
1.5
22 + 10
3.3
1.2
1.5
22 + 10
3.3
1.5
1.5
22 + 10
3.3
1.8
1.5
10 + 10
3.3
2.5
1.5
10 + 10
5
1.0
1.5
22 + 10
5
1.2
1.5
22 + 10
5
1.5
2.2
22 + 10
5
1.8
2.2
10 + 10
5
2.5
2.2
10 + 10
5
3.3
2.2
10 + 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com