Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2119ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2119ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2119ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2119ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2119ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 20 of 24
TYPICAL APPLICATION CIRCUITS
10
EN
ADP2119
1
VIN
9
SYNC/MODE
2
PVIN
8
PGOOD
3
SW
7
TRK
4
PGND
6
FB
5
GND
R2
10k
VIN
5V
CIN
22µF
X5R
6.3V
COUT2
22µF
X5R
6.3V
COUT1
22µF
X5R
6.3V
C1
0.1µF
R1
10
RBOT
10k
VOUT
1.2V
2A
L
1.5µH
RTOP
10k
L: CDRH5D18BHPNP-1R5M SUMIDA
CIN, COUT1, COUT2: GRM31CR60J226KE19 MURATA
Figure 54. 1.2 V, 2 A, Step-Down Regulator, Forced Continuous Conduction Mode (ADP2119)
10
EN
ADP2119
1
VIN
9
SYNC/MODE
2
PVIN
8
PGOOD
3
SW
7
TRK
4
PGND
6
FB
5
GND
R2
10k
VIN
5V
CIN
22µF
X5R
6.3V
COUT2
22µF
X5R
6.3V
COUT1
10µF
X5R
6.3V
C1
0.1µF
R1
10
RBOT
10k
VOUT
1.8V
2A
L
1.5µH
RTOP
20k
L: CDRH5D18BHPNP-1R5M SUMIDA
CIN, COUT2: GRM31CR60J226KE19 MURATA
COUT1: GRM319R60J106KE19 MURATA
Figure 55. 1.8 V, 2 A, Step-Down Regulator, Enable PFM Mode (ADP2119)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com