Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24J40-I/T Datasheet(PDF) 83 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 83 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 79Page - Microchip Technology MRF24J40-I/T Datasheet HTML 80Page - Microchip Technology MRF24J40-I/T Datasheet HTML 81Page - Microchip Technology MRF24J40-I/T Datasheet HTML 82Page - Microchip Technology MRF24J40-I/T Datasheet HTML 83Page - Microchip Technology MRF24J40-I/T Datasheet HTML 84Page - Microchip Technology MRF24J40-I/T Datasheet HTML 85Page - Microchip Technology MRF24J40-I/T Datasheet HTML 86Page - Microchip Technology MRF24J40-I/T Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 156 page
background image
REGISTER 2-97:
UPNONCE4: UPPER NONCE SECURITY 4 REGISTER (ADDRESS: 0x244)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
UPNONCE39 UPNONCE38 UPNONCE37 UPNONCE36 UPNONCE35 UPNONCE34 UPNONCE33 UPNONCE32
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
UPNONCE<39:32>: Upper Nonce bits
13-byte nonce value used in security.
REGISTER 2-98:
UPNONCE5: UPPER NONCE SECURITY 5 REGISTER (ADDRESS: 0x245)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
UPNONCE47 UPNONCE46 UPNONCE45 UPNONCE44 UPNONCE43 UPNONCE42 UPNONCE41 UPNONCE40
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
UPNONCE<47:40>: Upper Nonce bits
13-byte nonce value used in security.
© 2010 Microchip Technology Inc.
Preliminary
DS39776C-page 83
MRF24J40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com