Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24J40-I/T Datasheet(PDF) 99 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 99 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 95Page - Microchip Technology MRF24J40-I/T Datasheet HTML 96Page - Microchip Technology MRF24J40-I/T Datasheet HTML 97Page - Microchip Technology MRF24J40-I/T Datasheet HTML 98Page - Microchip Technology MRF24J40-I/T Datasheet HTML 99Page - Microchip Technology MRF24J40-I/T Datasheet HTML 100Page - Microchip Technology MRF24J40-I/T Datasheet HTML 101Page - Microchip Technology MRF24J40-I/T Datasheet HTML 102Page - Microchip Technology MRF24J40-I/T Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 156 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS39776C-page 99
MRF24J40
3.8.1.2
BO and SO
Values of Beacon Order (BO) and Superframe Order
(SO) determine the Beacon Interval (BI) and
Superframe Duration (SD).
Beacon Interval (BI) in terms of BO can be expressed as:
BI = aBaseSuperframeduration * 2BO
Similarly, Superframe Duration (SD) in terms of SO can
be expressed as:
SD = aBaseSuperframeduration * 2SO
where aBaseSuperframeduration = 960 symbols.
BO and SO can be configured by programming the BO
(0x10<7:4>) bits and SO (0x10<3:0>) bits in the ORDER
register. For beacon-enabled networks, the values of BO
and SO should be in the range, 0
≤ SO ≤ BO ≤ 14. If the
values of BO and SO are equal, then the superframe
does not have any inactive portion. A Beacon Interval
can be as short as 15 ms or a long as 251 seconds based
on the values of BO and SO.
3.8.1.3
GTS
If a device wants to transmit or receive during CFP, it
sends out a “GTS request” in the CAP to the PAN coor-
dinator. The PAN coordinator broadcasts the address
of the device number for that device in the beacon
frame if resources are available.
To
support
GTS
operation,
MRF24J40
uses
TXGTS1FIFO and TXGTS2FIFO. The TXGTS1FIFO
and TXGTS2FIFO are ping-pong FIFOs and can be
assigned to different GTS slots or to the same slots. If
both are assigned to the same slot, they take turns for
transmission within that slot. TXGTS1FIFO and
TXGTS2FIFO can be triggered ahead of their slot time,
but transmission from the FIFO will take place exactly
at the assigned slot time.
Refer to Section 3.12 “Transmission” for information
on how to transmit a data frame using the
TXGTSxFIFOs.
FIGURE 3-5:
GTSFIFO STATE DIAGRAM
GTSSWITCH = 1
Switch TXGTSxFIFO
if Transmit Error
TXGTS1FIFO
TXGTS2FIFO
Wait for GTS Slot
Wait for GTS Slot
Transmit Complete
or
Transmit Error
(clear TXG1TRIG)
Transmit Complete
or
Transmit Error
(clear TXG2TRIG)
TXGTS1FIFO
TXGTS2FIFO
Wait for GTS Slot
Wait for GTS Slot
Transmit
Complete
Transmit
Complete
Hold and Wait
until Next GTS
Transmit Error
(clear TXG1TRIG
and TXG2TRIG)
Transmit Error
(clear TXG1TRIG
and TXG2TRIG)
GTSSWITCH = 0
Hold and wait TXGTSxFIFO
if Transmit Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com