Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24J40-I/T Datasheet(PDF) 98 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 98 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 94Page - Microchip Technology MRF24J40-I/T Datasheet HTML 95Page - Microchip Technology MRF24J40-I/T Datasheet HTML 96Page - Microchip Technology MRF24J40-I/T Datasheet HTML 97Page - Microchip Technology MRF24J40-I/T Datasheet HTML 98Page - Microchip Technology MRF24J40-I/T Datasheet HTML 99Page - Microchip Technology MRF24J40-I/T Datasheet HTML 100Page - Microchip Technology MRF24J40-I/T Datasheet HTML 101Page - Microchip Technology MRF24J40-I/T Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 156 page
background image
MRF24J40
DS39776C-page 98
Preliminary
© 2010 Microchip Technology Inc.
3.8.1.1
Superframe Structure
The superframe structure is shown in Figure 3-4. A
superframe is bounded by the transmission of a
beacon frame and can have an active and inactive
portion. The coordinator will interact with its PAN only
during the active portion of the superframe, and during
the inactive portion of the superframe, the coordinator
can go to a low-power mode. The active portion of the
superframe is divided into 16 equally spaced slots and
is composed of three parts: a beacon, a Contention
Access Period (CAP) and an optional Contention Free
Period (CFP). The structure of the superframe depends
on the values of Beacon Order (BO) and Superframe
Order (SO). The CFP, if present, follows immediately
after the CAP and extends to the end of active portion
of the superframe. Any allocated GTSs shall be located
in the CFP of the active portion of the superframe.
All the frames transmitted in the CAP, except
Acknowledgement frames and data frames that imme-
diately follow the data request command, must use
slotted CSMA-CA. Refer to Section 3.9 “Carrier
Sense
Multiple
Access-Collision
Avoidance
(CSMA-CA) Algorithm” for more information.
FIGURE 3-4:
SUPERFRAME STRUCTURE
0
1
2
3
4
5
6
7
8
GTS1
G
T
S
2
GTS3
Inactive Portion
Active Portion
CAP
CFP
Slot
Backoff Period (aUnitBackoffPeriod = 20 symbols)
Inactive Portion
Beacon
GTS End Slots = ESLOTG23 (0x1E),
ESLOTG45 (0x1F), ESLOT67 (0x20)
Beacon
CAP End Slot = ESLOTG1 (0x13<3:0>)
01
2
3
456789 10 11 12 13 14 15
SD
Superframe Duration (SD) = aBaseSuperframeDuration * 2SO symbols
(SO – ORDER 0x10<3:0>)
BI
Beacon Interval (BI) = aBaseSuperframeDuration * 2BO symbols
(BO – ORDER 0x10<7:4>)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com