Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 99Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 100Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 101Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 102Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 103Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 104Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 105Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 106Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 103
PIC16F/LF1825/1829
9.0
POWER-DOWN MODE (SLEEP)
The Power-Down mode is entered by executing a
SLEEP instruction.
Upon entering Sleep mode, the following conditions exist:
1.
WDT will be cleared but keeps running, if
enabled for operation during Sleep.
2.
PD bit of the STATUS register is cleared.
3.
TO bit of the STATUS register is set.
4.
CPU clock is disabled.
5.
31 kHz LFINTOSC is unaffected and peripherals
that operate from it may continue operation in
Sleep.
6.
Timer1 oscillator is unaffected and peripherals
that operate from it may continue operation in
Sleep.
7.
ADC is unaffected, if the dedicated FRC clock is
selected.
8.
Capacitive Sensing oscillator is unaffected.
9.
I/O ports maintain the status they had before
SLEEP was executed (driving high, low or high-
impedance).
10. Resets other than WDT are not affected by
Sleep mode.
Refer to individual chapters for more details on
peripheral operation during Sleep.
To minimize current consumption, the following
conditions should be considered:
• I/O pins should not be floating
• External circuitry sinking current from I/O pins
• Internal circuitry sourcing current from I/O pins
• Current draw from pins with internal weak pull-ups
• Modules using 31 kHz LFINTOSC
• Modules using Timer1 oscillator
I/O pins that are high-impedance inputs should be
pulled to VDD or VSS externally to avoid switching
currents caused by floating inputs.
Examples of internal circuitry that might be sourcing
current include modules such as the DAC and FVR
modules.
See
Section 17.0
“Digital-to-Analog
Converter (DAC) Module” and Section 14.0 “Fixed
Voltage Reference (FVR)” for more information on
these modules.
9.1
Wake-up from Sleep
The device can wake-up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin, if enabled
2.
BOR Reset, if enabled
3.
POR Reset
4.
Watchdog Timer, if enabled
5.
Any external interrupt
6.
Interrupts by peripherals capable of running dur-
ing Sleep (see individual peripheral for more
information)
The first three events will cause a device Reset. The
last three events are considered a continuation of pro-
gram execution. To determine whether a device Reset
or wake-up event occurred, refer to Section 7.10
“Determining the Cause of a Reset”.
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is prefetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be enabled. Wake-up will
occur regardless of the state of the GIE bit. If the GIE
bit is disabled, the device continues execution at the
instruction after the SLEEP instruction. If the GIE bit is
enabled, the device executes the instruction after the
SLEEP instruction, the device will call the Interrupt Ser-
vice Routine. In cases where the execution of the
instruction following SLEEP is not desirable, the user
should have a NOP after the SLEEP instruction.
The WDT is cleared when the device wakes up from
Sleep, regardless of the source of wake-up.
9.1.1
WAKE-UP USING INTERRUPTS
When global interrupts are disabled (GIE cleared) and
any interrupt source has both its interrupt enable bit
and interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a
SLEEP instruction
- SLEEP instruction will execute as a NOP.
- WDT and WDT prescaler will not be cleared
-TO bit of the STATUS register will not be set
-PD bit of the STATUS register will not be
cleared.
• If the interrupt occurs during or after the execu-
tion of a SLEEP instruction
- SLEEP instruction will be completely exe-
cuted
- Device will immediately wake-up from Sleep
- WDT and WDT prescaler will be cleared
-TO bit of the STATUS register will be set
-PD bit of the STATUS register will be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com