Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 100Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 101Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 102Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 103Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 104Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 105Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 106Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 107Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 104
Preliminary
 2010 Microchip Technology Inc.
Even if the flag bits were checked before executing a
SLEEP instruction, it may be possible for flag bits to
become set before the SLEEP instruction completes. To
determine whether a SLEEP instruction executed, test
the PD bit. If the PD bit is set, the SLEEP instruction
was executed as a NOP.
FIGURE 9-1:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH POWER-DOWN MODE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
93
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
144
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
144
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
144
IOCBF(1)
IOCBF7
IOCBF6
IOCBF5
IOCBF4
—
—
—
—
146
IOCBN(1)
IOCBN7
IOCBN6
IOCBN5
IOCBN4
—
—
—
—
145
IOCBP(1)
IOCBP7
IOCBP6
IOCBP5
IOCBP4
—
—
—
—
145
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
94
PIE2
OSFIE
C2IE
C1IE
EEIE
BCL1IE
—
—
CCP2IE
95
PIE4(1)
—
—
—
—
—
—
BCL2IE
SSP2IE
97
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
98
PIR2
OSFIF
C2IF
C1IF
EEIF
BCL1IF
—
—
CCP2IF
99
PIR4(1)
—
—
—
—
—
—
BCL2IF
SSP2IF
101
STATUS
—
—
—TO
PD
Z
DC
C26
WDTCON
—
—
WDTPS4
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN
107
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used in Power-down mode.
Note
1:
PIC16F/LF1829 only.
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1(1)
CLKOUT(2)
Interrupt flag
GIE bit
(INTCON reg.)
Instruction Flow
PC
Instruction
Fetched
Instruction
Executed
PC
PC + 1
PC + 2
Inst(PC) = Sleep
Inst(PC - 1)
Inst(PC + 1)
Sleep
Processor in
Sleep
Interrupt Latency(4)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy Cycle
PC + 2
0004h
0005h
Dummy Cycle
TOST(3)
PC + 2
Note
1:
XT, HS or LP Oscillator mode assumed.
2:
CLKOUT is not available in XT, HS, or LP Oscillator modes, but shown here for timing reference.
3:
TOST = 1024 TOSC (drawing not to scale). This delay applies only to XT, HS or LP Oscillator modes.
4:
GIE = 1 assumed. In this case after wake-up, the processor calls the ISR at 0004h. If GIE = 0, execution will continue in-line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com