Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 137Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 138Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 139Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 140Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 141Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 142Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 143Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 144Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 141
PIC16F/LF1825/1829
REGISTER 12-18: ANSELC: PORTC ANALOG SELECT REGISTER
R/W-1/1
R/W-1/1
U-0
U-0
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
ANSC7(2)
ANSC6(2)
—
—
ANSC3
ANSC2
ANSC1
ANSC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
ANSC<7:6>: Analog Select between Analog or Digital Function on pins RC<3:0>, respectively(2)
0 = Digital I/O. Pin is assigned to port or digital special function.
1 = Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
ANSC<3:0>: Analog Select between Analog or Digital Function on pins RC<3:0>, respectively
0 = Digital I/O. Pin is assigned to port or digital special function.
1 = Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
Note 1:
When setting a pin to an analog input, the corresponding TRIS bit must be set to Input mode in order to
allow external control of the voltage on the pin.
2:
ANSELC<7:6> available on PIC16F/LF1829 only. Otherwise, they are unimplemented and read as ‘0’.
REGISTER 12-19: WPUC: WEAK PULL-UP PORTC REGISTER
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
WPUC7(3)
WPUC6(3)
WPUC5
WPUC4
WPUC3
WPUC2
WPUC1
WPUC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
WPUC<7:0>: Weak Pull-up Register bits(1, 2)
1 = Pull-up enabled
0 = Pull-up disabled
Note 1:
Global WPUEN bit of the OPTION register must be cleared for individual pull-ups to be enabled.
2:
The weak pull-up device is automatically disabled if the pin is in configured as an output.
3:
WPUC<7:6> available on PIC16F/LF1829 only. Otherwise, they are unimplemented and read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com