Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 142 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 138Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 139Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 140Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 141Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 142Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 143Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 144Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 145Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 142
Preliminary
 2010 Microchip Technology Inc.
TABLE 12-5:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
REGISTER 12-20: INLVLC: PORTC INPUT LEVEL CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-1/1
R/W-0/0
R/W-0/0
INLVLC7(1)
INLVLC6(1)
INLVLC5
INLVLC4
INLVLC3
INLVLC2
INLVLC1
INLVLC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
INLVLC<7:0>: PORTC Input Level Select bits(1)
For RC<7:0> pins, respectively
1 = ST input used for port reads and interrupt-on-change
0 = TTL input used for port reads and interrupt-on-change
Note 1:
INLVLC<7:6> available on PIC16F/LF1829 only. Otherwise, they are unimplemented and read as ‘0’.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELC
ANSC7(1)
ANSC6(1)
—
—
ANSC3
ANSC2
ANSC1
ANSC0
136
INLVLC
INLVLC7(1)
INLVLC6(1)
INLVLC5
INLVLC4
INLVLC3
INLVLC2
INLVLC1
INLVLC0
142
LATC
LATC7(1)
LATC6(1)
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
135
PORTC
RC7(1)
RC6(1)
RC5
RC4
RC3
RC2
RC1
RC0
135
TRISC
TRISC7(1)
TRISC6(1)
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
135
WPUC
WPUC7(1)
WPUC6(1)
WPUC5
WPUC4
WPUC3
WPUC2
WPUC1
WPUC0
136
Legend:
x = unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC.
Note
1:
PIC16F/LF1829 only.
2:
PIC16F/LF1825 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com