Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 142Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 143Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 144Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 145Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 146Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 147Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 148Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 149Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 146
Preliminary
 2010 Microchip Technology Inc.
TABLE 13-1:
SUMMARY OF REGISTERS ASSOCIATED WITH INTERRUPT-ON-CHANGE
REGISTER 13-6:
IOCBF: INTERRUPT-ON-CHANGE PORTB FLAG REGISTER
(PIC16F/LF1829 ONLY)
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
U-0
U-0
IOCBF7
IOCBF6
IOCBF5
IOCBF4
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS - Bit is set in hardware
bit 7-4
IOCBF<7:4>: Interrupt-on-Change PORTB Flag bits
1 = An enabled change was detected on the associated pin.
Set when IOCBPx = 1 and a rising edge was detected on RAx, or when IOCANx = 1 and a falling edge
was detected on RBx.
0 = No change was detected, or the user cleared the detected change.
bit 5-0
Unimplemented: Read as ‘0’
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—ANSA4
—
ANSA2
ANSA1
ANSA0
130
ANSELB(1)
ANSB7
ANSB6
ANSB5
ANSB4
—
—
—
—
136
INLVLA
—
—
INLVLA5 INLVLA4 INLVLA3 INLVLA2 INLVLA1 INLVLA0
131
INLVLB(1)
INLVLB7 INLVLB6 INLVLB5 INLVLB4
—
—
—
—
136
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
93
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
144
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
144
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
144
IOCBF(1)
IOCBF7
IOCBF6
IOCBF5
IOCBF4
—
—
—
—
146
IOCBN(1)
IOCBN7
IOCBN6
IOCBN5
IOCBN4
—
—
—
—
145
IOCBP(1)
IOCBP7
IOCBP6
IOCBP5
IOCBP4
—
—
—
—
145
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
129
TRISB(1)
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
135
Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used by Interrupt-on-Change.
Note 1:
PIC16F/LF1829 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com