Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 148Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 149Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 150Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 151Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 152Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 153Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 154Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 155Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 152
Preliminary
 2010 Microchip Technology Inc.
16.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
• Result formatting
16.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and
digital signals. When converting analog signals, the I/O
pin should be configured for analog by setting the
associated
TRIS
and
ANSEL
bits.
Refer
to
Section 12.0 “I/O Ports” for more information.
16.1.2
CHANNEL SELECTION
There are up to 15 channel selections available:
• AN<7:0> pins (PIC16F/LF1825 only)
• AN<11:0> pins (PIC16F/LF1829 only)
• Temperature Indicator
• DAC Output
• FVR (Fixed Voltage Reference) Output
Refer to Section 17.0 “Digital-to-Analog Converter
(DAC) Module”, Section 14.0 “Fixed Voltage Refer-
ence (FVR)” and Section 15.0 “Temperature Indicator
Module” for more information on these channel selec-
tions.
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 16.2
“ADC Operation” for more information.
16.1.3
ADC VOLTAGE REFERENCE
The ADPREF bits of the ADCON1 register provides
control of the positive voltage reference. The positive
voltage reference can be:
•VREF+ pin
•VDD
• FVR 2.048V
• FVR 4.096V (Not available on LF devices)
The ADNREF bits of the ADCON1 register provides
control of the negative voltage reference. The negative
voltage reference can be:
•VREF- pin
•VSS
See Section 14.0 “Fixed Voltage Reference (FVR)”
for more details on the fixed voltage reference.
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input buf-
fer to conduct excess current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com