Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 150Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 151Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 152Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 153Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 154Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 155Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 156Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 157Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 154
Preliminary
 2010 Microchip Technology Inc.
TABLE 16-1:
ADC CLOCK PERIOD (TAD) VS. DEVICE OPERATING FREQUENCIES
FIGURE 16-2:
ANALOG-TO-DIGITAL CONVERSION TAD CYCLES
ADC Clock Period (TAD)
Device Frequency (FOSC)
ADC
Clock Source
ADCS<2:0>
32 MHz
20 MHz
16 MHz
8 MHz
4 MHz
1 MHz
Fosc/2
000
62.5ns(2)
100 ns(2)
125 ns(2)
250 ns(2)
500 ns(2)
2.0
s
Fosc/4
100
125 ns(2)
200 ns(2)
250 ns(2)
500 ns(2)
1.0
s4.0 s
Fosc/8
001
0.5
s(2)
400 ns(2)
0.5
s(2)
1.0
s2.0 s
8.0
s(3)
Fosc/16
101
800 ns
800 ns
1.0
s2.0 s4.0 s
16.0
s(3)
Fosc/32
010
1.0
s1.6 s2.0 s4.0 s
8.0
s(3)
32.0
s(3)
Fosc/64
110
2.0
s3.2 s4.0 s
8.0
s(3)
16.0
s(3)
64.0
s(3)
FRC
x11
1.0-6.0
s(1,4)
1.0-6.0
s(1,4)
1.0-6.0
s(1,4)
1.0-6.0
s(1,4)
1.0-6.0
s(1,4)
1.0-6.0
s(1,4)
Legend:
Shaded cells are outside of recommended range.
Note 1:
The FRC source has a typical TAD time of 1.6
s for VDD.
2:
These values violate the minimum required TAD time.
3:
For faster conversion times, the selection of another clock source is recommended.
4:
The ADC clock period (TAD) and total ADC conversion time can be minimized when the ADC clock is derived from the
system clock FOSC. However, the FRC clock source must be used when conversions are to be performed with the
device in Sleep mode.
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8
TAD11
Set GO bit
Holding capacitor is disconnected from analog input (typically 100 ns)
TAD9 TAD10
TCY - TAD
ADRESH:ADRESL is loaded, GO bit is cleared,
ADIF bit is set, holding capacitor is connected to analog input.
Conversion starts
b0
b9
b6
b5
b4
b3
b2
b1
b8
b7
On the following cycle:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com