Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 206 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 206 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 202Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 203Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 204Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 205Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 206Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 207Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 208Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 209Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 208
Preliminary
 2010 Microchip Technology Inc.
23.1
DSM Operation
The DSM module can be enabled by setting the MDEN
bit in the MDCON register. Clearing the MDEN bit in the
MDCON register, disables the DSM module by auto-
matically switching the carrier high and carrier low sig-
nals to the VSS signal source. The modulator signal
source is also switched to the MDBIT in the MDCON
register. This not only assures that the DSM module is
inactive, but that it is also consuming the least amount
of current.
The values used to select the carrier high, carrier low,
and modulator sources held by the Modulation Source,
Modulation High Carrier, and Modulation Low Carrier
control registers are not affected when the MDEN bit is
cleared and the DSM module is disabled. The values
inside these registers remain unchanged while the
DSM is inactive. The sources for the carrier high, car-
rier low and modulator signals will once again be
selected when the MDEN bit is set and the DSM mod-
ule is again enabled and active.
The modulated output signal can be disabled without
shutting down the DSM module. The DSM module will
remain active and continue to mix signals, but the out-
put value will not be sent to the MDOUT pin. During the
time that the output is disabled, the MDOUT pin will
remain low. The modulated output can be disabled by
clearing the MDOE bit in the MDCON register.
23.2
Modulator Signal Sources
The modulator signal can be supplied from the follow-
ing sources:
• CCP1 Signal
• CCP2 Signal
• CCP3 Signal
• CCP4 Signal
• MSSP1 SDO1 Signal (SPI Mode Only)
• MSSP2 SDO2 Signal (SPI Mode Only)
• Comparator C1 Signal
• Comparator C2 Signal
• EUSART TX Signal
• External Signal on MDMIN pin
• MDBIT bit in the MDCON register
The modulator signal is selected by configuring the
MDMS <3:0> bits in the MDSRC register.
23.3
Carrier Signal Sources
The carrier high signal and carrier low signal can be
supplied from the following sources:
• CCP1 Signal
• CCP2 Signal
• CCP3 Signal
• CCP4 Signal
• Reference Clock Module Signal
• External Signal on MDCIN1 pin
• External Signal on MDCIN2 pin
•VSS
The carrier high signal is selected by configuring the
MDCH <3:0> bits in the MDCARH register. The carrier
low signal is selected by configuring the MDCL <3:0>
bits in the MDCARL register.
23.4
Carrier Synchronization
During the time when the DSM switches between car-
rier high and carrier low signal sources, the carrier data
in the modulated output signal can become truncated.
To prevent this, the carrier signal can be synchronized
to the modulator signal. When synchronization is
enabled, the carrier pulse that is being mixed at the
time of the transition is allowed to transition low before
the DSM switches over to the next carrier source.
Synchronization is enabled separately for the carrier
high and carrier low signal sources. Synchronization for
the carrier high signal can be enabled by setting the
MDCHSYNC bit in the MDCARH register. Synchroniza-
tion for the carrier low signal can be enabled by setting
the MDCLSYNC bit in the MDCARL register.
Figure 23-1 through Figure 23-5 show timing diagrams
of using various synchronization methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com