Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 52Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 53Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 54Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 55Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 56Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 57Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 58Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 59Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 56
Preliminary
 2010 Microchip Technology Inc.
4.5
Device ID and Revision ID
The memory location 8006h is where the Device ID and
Revision ID are stored. The upper nine bits hold the
Device ID. The lower five bits hold the Revision ID. See
Section 11.5 “User ID, Device ID and Configuration
Word Access” for more information on accessing
these memory locations.
Development tools, such as device programmers and
debuggers, may be used to read the Device ID and
Revision ID.
REGISTER 4-3:
DEVICEID: DEVICE ID REGISTER(1)
R
RRRR
RR
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
DEV2
bit 13
bit 7
R
RRRR
RR
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
bit 6
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
‘0’ = Bit is cleared
-n = Value at POR
‘1’ = Bit is set
x = Bit is unknown
bit 13-5
DEV<8:0>: Device ID bits
100111011 = PIC16F1825
100111111 = PIC16F1829
101000011 = PIC16LF1825
101000111 = PIC16LF1829
bit 4-0
REV<4:0>: Revision ID bits
These bits are used to identify the revision.
Note 1:
This location cannot be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com