Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 53Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 54Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 55Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 56Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 57Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 58Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 59Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 60Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 57
PIC16F/LF1825/1829
5.0
OSCILLATOR MODULE (WITH
FAIL-SAFE CLOCK MONITOR)
5.1
Overview
The oscillator module has a wide variety of clock
sources and selection features that allow it to be used
in a wide range of applications while maximizing perfor-
mance and minimizing power consumption. Figure 5-1
illustrates a block diagram of the oscillator module.
Clock sources can be supplied from external oscillators,
quartz crystal resonators, ceramic resonators and
Resistor-Capacitor (RC) circuits. In addition, the system
clock source can be supplied from one of two internal
oscillators and PLL circuits, with a choice of speeds
selectable via software. Additional clock features
include:
• Selectable system clock source between external
or internal sources via software.
• Two-Speed Start-up mode, which minimizes
latency between external oscillator start-up and
code execution.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, EC or RC modes) and switch
automatically to the internal oscillator.
• Oscillator Start-up Timer (OST) ensures stability
of crystal oscillator sources
The oscillator module can be configured in one of eight
clock modes.
1.
ECL – External Clock Low Power mode
(0 MHz to 0.5 MHz)
2.
ECM – External Clock Medium Power mode
(0.5 MHz to 4 MHz)
3.
ECH – External Clock High Power mode
(4 MHz to 32 MHz)
4.
LP – 32 kHz Low-Power Crystal mode.
5.
XT – Medium Gain Crystal or Ceramic Resonator
Oscillator mode (up to 4 MHz)
6.
HS – High Gain Crystal or Ceramic Resonator
mode (4 MHz to 20 MHz)
7.
RC – External Resistor-Capacitor (RC).
8.
INTOSC – Internal oscillator (31 kHz to 32 MHz).
Clock Source modes are selected by the FOSC<2:0>
bits in the Configuration Word 1. The FOSC bits
determine the type of oscillator that will be used when
the device is first powered.
The EC clock mode relies on an external logic level
signal as the device clock source. The LP, XT and HS
clock modes require an external crystal or resonator to
be connected to the device. Each mode is optimized for
a different frequency range. The RC clock mode
requires an external resistor and capacitor to set the
oscillator frequency.
The INTOSC internal oscillator block produces low,
medium, and high frequency clock sources, designated
LFINTOSC, MFINTOSC, and HFINTOSC. (see
Internal Oscillator Block, Figure 5-1). A wide selection
of device clock frequencies may be derived from these
three clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com