Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 51Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 52Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 53Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 54Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 55Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 56Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 57Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 58Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 55
PIC16F/LF1825/1829
4.2
Code Protection
Code protection allows the device to be protected from
unauthorized access. Program memory protection and
data EEPROM protection are controlled independently.
Internal access to the program memory and data
EEPROM are unaffected by any code protection
setting.
4.2.1
PROGRAM MEMORY PROTECTION
The entire program memory space is protected from
external reads and writes by the CP bit in Configuration
Word 1. When CP = 0, external reads and writes of
program memory are inhibited and a read will return all
‘0’s. The CPU can continue to read program memory,
regardless of the protection bit settings. Writing the
program memory is dependent upon the write
protection
setting.
See
Section 4.3
“Write
Protection” for more information.
4.2.2
DATA EEPROM PROTECTION
The entire data EEPROM is protected from external
reads and writes by the CPD bit. When CPD = 0,
external reads and writes of data EEPROM are
inhibited. The CPU can continue to read and write data
EEPROM regardless of the protection bit settings.
4.3
Write Protection
Write protection allows the device to be protected from
unintended
self-writes.
Applications,
such
as
bootloader software, can be protected while allowing
other regions of the program memory to be modified.
The WRT<1:0> bits in Configuration Word 2 define the
size of the program memory block that is protected.
4.4
User ID
Four memory locations (8000h-8003h) are designated as
ID locations where the user can store checksum or other
code identification numbers. These locations are
readable and writable during normal execution. See
Section 11.5 “User ID, Device ID and Configuration
Word Access” for more information on accessing these
memory locations. For more information on checksum
calculation, see the “PIC16F/LF182X/PIC12F/LF1822
Memory Programming Specification” (DS41390).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com