Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 217 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 217 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 213Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 214Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 215Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 216Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 217Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 218Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 219Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 220Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 219
PIC16F/LF1825/1829
24.1.5
CAPTURE DURING SLEEP
Capture mode depends upon the Timer1 module for
proper operation. There are two options for driving the
Timer1 module in Capture mode. It can be driven by the
instruction clock (FOSC/4), or by an external clock source.
When Timer1 is clocked by FOSC/4, Timer1 will not
increment during Sleep. When the device wakes from
Sleep, Timer1 will continue from its previous state.
Capture mode will operate during Sleep when Timer1
is clocked by an external clock source.
24.1.6
ALTERNATE PIN LOCATIONS
This module incorporates I/O pins that can be moved to
other locations with the use of the alternate pin function
registers, APFCON0 and APFCON1. To determine
which pins can be moved and what their default loca-
tions are upon a Reset, see Section 12.1 “Alternate
Pin Function” for more information.
TABLE 24-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
APFCON1
—
—
SDO2SEL(2)
SS2SEL(2)
P1DSEL
P1CSEL
P2BSEL
CCP2SEL
126
CCP1CON
P1M<1:0>(1)
DC1B<1:0>
CCP1M<3:0>
240
CCP2CON
P2M<1:0>(1)
DC2B<1:0>
CCP2M<3:0>
240
CCP3CON
—
—
DC3B<1:0>
CCP3M<3:0>
240
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
240
CCPRxL
Capture/Compare/PWM Register x Low Byte (LSB)
218*
CCPRxH
Capture/Compare/PWM Register x High Byte (MSB)
218*
CMxCON0
CxON
CxOUT
CxOE
CxPOL
—
CxSP
CxHYS
CxSYNC
184
CMxCON1
CxINTP
CxINTN
CxPCH1
CxPCH0
—
—
CxNCH1
CxNCH0
185
INLVLA
—
—
INLVLA5
INLVLA4
INLVLA3
INLVLA2
INLVLA1
INLVLA0
131
INLVLC
INLVLC7(2)
INLVLC6(2)
INLVLC5
INLVLC4
INLVLC3
INLVLC2
INLVLC1
INLVLC0
142
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
93
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
94
PIE2
OSFIE
C2IE
C1IE
EEIE
BCL1IE
—
—
CCP2IE
95
PIE3
—
—
CCP4IE
CCP3IE
TMR6IE
—TMR4IE
—96
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
98
PIR2
OSFIF
C2IF
C1IF
EEIF
BCL1IF
—
—
CCP2IF
99
PIR3
—
—
CCP4IF
CCP3IF
TMR6IF
—TMR4IF
—100
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—TMR1ON
199
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/DONE
T1GVAL
T1GSS<1:0>
200
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
205*
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
205*
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
129
TRISC
TRISC7(2)
TRISC6(2)
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
140
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by Capture mode.
Note
1:
Applies to ECCP modules only.
2:
PIC16F/LF1829 only.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com