Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 97Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 98Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 99Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 100Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 101Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 102Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 103Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 104Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 101
PIC16F/LF1825/1829
8.5.9
PIR4 REGISTER(1)
The PIR4 register contains the interrupt flag bits, as
shown in Register 8-9.
Note 1: The PIR4 register is available only on the
PIC16F/LF1829 device.
2: Interrupt flag bits are set when an inter-
rupt condition occurs, regardless of the
state of its corresponding enable bit or
the Global Enable bit, GIE, of the
INTCON register. User software should
ensure the appropriate interrupt flag bits
are clear prior to enabling an interrupt.
REGISTER 8-9:
PIR4: PERIPHERAL INTERRUPT REQUEST REGISTER 4(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W/HS-0/0 R/W/HS-0/0
—
—
—
—
—
—
BCL2IF
SSP2IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS = Bit is set by hardware
bit 7-6
Unimplemented: Read as ‘0’
bit 1
BCL2IF: MSSP2 Bus Collision Interrupt Flag bit
1 = A Bus Collision was detected (must be cleared in software)
0 = No Bus collision was detected
bit 0
SSP2IF: Master Synchronous Serial Port 2 (MSSP2) Interrupt Flag bit
1 = The Transmission/Reception/Bus Condition is complete (must be cleared in software)
0 = Waiting to Transmit/Receive/Bus Condition in progress
Note 1:
This register is only available on PIC16F/LF1829.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com