Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 102Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 103Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 104Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 105Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 106Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 107Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 108Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 109Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 106
Preliminary
 2010 Microchip Technology Inc.
10.1
Independent Clock Source
The WDT derives its time base from the 31 kHz
LFINTOSC internal oscillator.
10.2
WDT Operating Modes
The Watchdog Timer module has four operating modes
controlled by the WDTE<1:0> bits in Configuration
Word 1. See Table 10-1.
10.2.1
WDT IS ALWAYS ON
When the WDTE bits of Configuration Word 1 are set to
‘11’, the WDT is always on.
WDT protection is active during Sleep.
10.2.2
WDT IS OFF IN SLEEP
When the WDTE bits of Configuration Word 1 are set to
‘10’, the WDT is on, except in Sleep.
WDT protection is not active during Sleep.
10.2.3
WDT CONTROLLED BY SOFTWARE
When the WDTE bits of Configuration Word 1 are set to
‘01’, the WDT is controlled by the SWDTEN bit of the
WDTCON register.
WDT protection is unchanged by Sleep. See
Table 10-1 for more details.
TABLE 10-1:
WDT OPERATING MODES
10.3
Time-Out Period
The WDTPS bits of the WDTCON register set the
time-out period from 1 ms to 256 seconds. After a
Reset, the default time-out period is 2 seconds.
10.4
Clearing the WDT
The WDT is cleared when any of the following condi-
tions occur:
•Any Reset
• CLRWDT instruction is executed
• Device enters Sleep
• Device wakes up from Sleep
• Oscillator fail event
• WDT is disabled
• Oscillator Start-up TImer (OST) is running
See Table 10-2 for more information.
10.5
Operation During Sleep
When the device enters Sleep, the WDT is cleared. If
the WDT is enabled during Sleep, the WDT resumes
counting.
When the device exits Sleep, the WDT is cleared
again. The WDT remains clear until the OST, if
enabled, completes. See Section 5.0 “Oscillator
Module (With Fail-Safe Clock Monitor)” for more
information on the OST.
When a WDT time-out occurs while the device is in
Sleep, no Reset is generated. Instead, the device
wakes up and resumes operation. The TO and PD bits
in the STATUS register are changed to indicate the
event. See Section 3.0 “Memory Organization” for
more information.
WDTE
Config bits
SWDTEN
Device
Mode
WDT
Mode
WDT_ON (11)
X
XActive
WDT_NSLEEP (10)
X
Awake
Active
WDT_NSLEEP (10)
X
Sleep
Disabled
WDT_SWDTEN (01)
1
XActive
WDT_SWDTEN (01)
0
X
Disabled
WDT_OFF (00)
X
X
Disabled
TABLE 10-2:
WDT CLEARING CONDITIONS
Conditions
WDT
WDTE<1:0> = 00
Cleared
WDTE<1:0> = 01 and SWDTEN = 0
WDTE<1:0> = 10 and enter Sleep
CLRWDT Command
Oscillator Fail Detected
Exit Sleep + System Clock = T1OSC, EXTRC, INTOSC, EXTCLK
Exit Sleep + System Clock = XT, HS, LP
Cleared until the end of OST
Change INTOSC divider (IRCF bits)
Unaffected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com