| Electronic Components Datasheet Search |
|
PIC16F1829-E/ST Datasheet(PDF) 123 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1829-E/ST Datasheet(HTML) 123 Page - Microchip Technology |
|
123 / 420 page ![]() 2010 Microchip Technology Inc. Preliminary DS41440A-page 123 PIC16F/LF1825/1829 12.0 I/O PORTS Depending on the device selected and peripherals enabled, there are up to two ports available. In general, when a peripheral is enabled, that pin may not be used as a general purpose I/O pin. Each port has three standard registers for its operation. These registers are: • TRISx registers (data direction) • PORTx registers (reads the levels on the pins of the device) • LATx registers (output latch) Some ports may have one or more of the following additional registers. These registers are: • ANSELx (analog select) • WPUx (weak pull-up) • INLVLx (input level control) The Data Latch (LATx registers) is useful for read-modify-write operations on the value that the I/O pins are driving. A write operation to the LATx register has the same affect as a write to the corresponding PORTx register. A read of the LATx register reads of the values held in the I/O PORT latches, while a read of the PORTx register reads the actual I/O pin value. Ports with analog functions also have an ANSELx register which can disable the digital input and save power. A simplified model of a generic I/O port, without the interfaces to other peripherals, is shown in Figure 12-1. FIGURE 12-1: GENERIC I/O PORT OPERATION TABLE 12-1: PORT AVAILABILITY PER DEVICE Device PIC16F/LF1825 ●● PIC16F/LF1829 ●●● Q D CK Write LATx Data Register I/O pin Read PORTx Write PORTx TRISx Read LATx Data Bus To peripherals ANSELx VDD VSS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |